Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DRV8434APWPR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8434APWPR
Description  DRV8434A Stepper Driver With Integrated Current Sense, 1/256 Microstepping, smart tune and Stall Detection using GPIO pins
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8434APWPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button DRV8434APWPR Datasheet HTML 17Page - Texas Instruments DRV8434APWPR Datasheet HTML 18Page - Texas Instruments DRV8434APWPR Datasheet HTML 19Page - Texas Instruments DRV8434APWPR Datasheet HTML 20Page - Texas Instruments DRV8434APWPR Datasheet HTML 21Page - Texas Instruments DRV8434APWPR Datasheet HTML 22Page - Texas Instruments DRV8434APWPR Datasheet HTML 23Page - Texas Instruments DRV8434APWPR Datasheet HTML 24Page - Texas Instruments DRV8434APWPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
Figure 7-9. Quad-Level Input Pin Diagram
Figure 7-10 shows the input structure for STEP, DIR and nSLEEP pins.
Figure 7-10. Logic-Level Input Pin Diagram
7.3.8.1 nFAULT Pin
The nFAULT pin has an open-drain output and should be pulled up to a 5 V, 3.3 V or 1.8 V supply. When a fault
is detected, the nFAULT pin will be logic low. nFAULT pin will be high after power-up. For a 5 V pullup, the
nFAULT pin can be tied to the DVDD pin with a resistor. For a 3.3 V or 1.8 V pullup, an external supply must be
used.
Output
nFAULT
Figure 7-11. nFAULT Pin
• The STL_REP pin has open-drain output and must be pulled up to a 5 V, 3.3 V or 1.8 V supply. When a stall
fault is detected, the STL_REP pin will be logic high. After a successful stall threshold learning, STL_REP pin
is pulled low. The STL_REP pin can also be used as an input. When pulled low externally, stall fault reporting
is disabled. For a 5 V pullup, the STL_REP pin can be tied to the DVDD pin with a resistor. For a 3.3 V or 1.8
V pullup, an external supply must be used.
www.ti.com
DRV8434A
SLOSE48 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: DRV8434A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com