Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPS7A1111PDRVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A1111PDRVT
Description  TPS7A11 500-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7A1111PDRVT Datasheet(HTML) 3 Page - Texas Instruments

  TPS7A1111PDRVT Datasheet HTML 1Page - Texas Instruments TPS7A1111PDRVT Datasheet HTML 2Page - Texas Instruments TPS7A1111PDRVT Datasheet HTML 3Page - Texas Instruments TPS7A1111PDRVT Datasheet HTML 4Page - Texas Instruments TPS7A1111PDRVT Datasheet HTML 5Page - Texas Instruments TPS7A1111PDRVT Datasheet HTML 6Page - Texas Instruments TPS7A1111PDRVT Datasheet HTML 7Page - Texas Instruments TPS7A1111PDRVT Datasheet HTML 8Page - Texas Instruments TPS7A1111PDRVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
5 Pin Configuration and Functions
1
OUT
6
IN
2
NC
5
GND
3
EN
4
BIAS
Not to scale
Thermal
Pad
TI recommends connecting the SON (DRV) package thermal pad to ground.
NC – No internal connection.
Figure 5-1. DRV Package, 6-Pin SON With Exposed Thermal Pad, Top View
Table 5-1. Pin Functions: DRV
PIN
I/O
DESCRIPTION
NAME
NO.
IN
6
Input
Input pin. A capacitor is required from IN to ground for stability. For best transient response, use
the nominal recommended value or larger ceramic capacitor from IN to ground. Follow the
recommended capacitor value as listed in the Recommended Operating Conditions table. Place
the input capacitor as close to the input pin of the device as possible.
OUT
1
Output
Regulated output pin. A capacitor is required from OUT to ground for stability. For best transient
response, use the nominal recommended value or larger ceramic capacitor from OUT to ground.
Follow the recommended capacitor value as listed in the Recommended Operating Conditions
table. Place the output capacitor as close to the output pin of the device as possible.
GND
5
—
Ground pin. This pin must be connected to ground.
BIAS
4
Input
BIAS pin. This pin enables the use of low-input voltage, low-output voltage (LILO) conditions. For
best performance, use the nominal recommended value or larger ceramic capacitor from BIAS to
ground. Follow the recommended capacitor value as listed in the Recommended Operating
Conditions table. Place the bias capacitor as close to the bias pin of the device as possible.
EN
3
Input
Enable pin. Driving this pin to logic high enables the device. Driving this pin to logic low disables
the device. If enable functionality is not required, this pin must be connected to IN or BIAS;
however, connecting EN to IN is only acceptable if the IN pin voltage is greater than 0.9 V.
NC
2
—
This pin is not internally connected. Connect to ground for better thermal dissipation or leave
floating.
Thermal pad
—
Connect the thermal pad to a large-area ground plane.
www.ti.com
TPS7A11
SBVS316B – SEPTEMBER 2018 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TPS7A11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com