Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPS7A1111PDRVT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A1111PDRVT
Description  TPS7A11 500-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7A1111PDRVT Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS7A1111PDRVT Datasheet HTML 17Page - Texas Instruments TPS7A1111PDRVT Datasheet HTML 18Page - Texas Instruments TPS7A1111PDRVT Datasheet HTML 19Page - Texas Instruments TPS7A1111PDRVT Datasheet HTML 20Page - Texas Instruments TPS7A1111PDRVT Datasheet HTML 21Page - Texas Instruments TPS7A1111PDRVT Datasheet HTML 22Page - Texas Instruments TPS7A1111PDRVT Datasheet HTML 23Page - Texas Instruments TPS7A1111PDRVT Datasheet HTML 24Page - Texas Instruments TPS7A1111PDRVT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
8.1.8 Estimating Junction Temperature
The JEDEC standard now recommends the use of psi (Ψ) thermal metrics to estimate the junction temperatures
of the LDO when in-circuit on a typical PCB board application. These metrics are not strictly speaking thermal
resistances, but rather offer practical and relative means of estimating junction temperatures. These psi metrics
are determined to be significantly independent of the copper-spreading area. The key thermal metrics (ΨJT and
ΨJB) are used in accordance with Equation 6 and are given in the Electrical Characteristics table.
ΨJT : TJ = TT + ΨJT × PD and ΨJB : TJ = TB + ΨJB × PD
(6)
where:
• PD is the power dissipated as explained in Equation 3
• TT is the temperature at the center-top of the device package
• TB is the PCB surface temperature measured 1 mm from the device package and centered on the package
edge
8.1.9 Recommended Area for Continuous Operation
The operational area of an LDO is limited by the dropout voltage, output current, junction temperature, and input
voltage. The recommended area for continuous operation for a linear regulator is shown in Figure 8-3 and can
be separated into the following regions:
• Dropout voltage limits the minimum differential voltage between the input and the output (VIN – VOUT) at a
given output current level; see the Dropout Voltage section for more details.
• The rated output current limits the maximum recommended output current level. Exceeding this rating causes
the device to fall out of specification.
• The rated junction temperature limits the maximum junction temperature of the device. Exceeding this rating
causes the device to fall out of specification and reduces long-term reliability.
– Equation 5 provides the shape of the slope. The slope is nonlinear because the maximum rated junction
temperature of the LDO is controlled by the power dissipation across the LDO, thus when VIN – VOUT
increases the output current must decrease.
• The rated input voltage range governs both the minimum and maximum of VIN – VOUT.
Rated Output
Current
Output Current Limited
by Dropout
Output Current Limited
by Thermals
Limited by
Minimum VIN
Limited by
Maximum VIN
VIN ± VOUT (V)
Figure 8-3. Continuous Operation Diagram With Description of Regions
www.ti.com
TPS7A11
SBVS316B – SEPTEMBER 2018 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TPS7A11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com