Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SD2943 Datasheet(PDF) 7 Page - STMicroelectronics

Part # SD2943
Description  RF Power Transistor HF/VHF/UHF N - Channel MOSFETs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2943 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SD2943 Datasheet HTML 3Page - STMicroelectronics SD2943 Datasheet HTML 4Page - STMicroelectronics SD2943 Datasheet HTML 5Page - STMicroelectronics SD2943 Datasheet HTML 6Page - STMicroelectronics SD2943 Datasheet HTML 7Page - STMicroelectronics SD2943 Datasheet HTML 8Page - STMicroelectronics SD2943 Datasheet HTML 9Page - STMicroelectronics SD2943 Datasheet HTML 10Page - STMicroelectronics SD2943 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
SD2943
3 Typical Performance
7/14
Figure 6.
Pout Vs Input Power & Drain Voltage Figure 7.
Pout Vs Input Power & Case Temp.
Table 7.
Efficiency Vs Pout
Figure 8.
Power Gain Vs Pout & Case Temp.
0
50
100
150
200
250
300
350
400
450
500
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Pin (W)
Freq = 30 MHz
Idq = 250 mA
Vdd = 40 V
Vdd = 50 V
0
50
100
150
200
250
300
350
400
450
500
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Pin (W)
Freq = 30 MHz
Vdd = 50 V
Idq = 250 mA
Tc = +25 ºC
Tc = +80 ºC
Tc = -20 ºC
0
10
20
30
40
50
60
70
80
0
50
100
150
200
250
300
350
400
450
500
Pout (W)
Freq = 30 MHz
Vdd = 50 V
Idq = 250 mA
Tc = +25 ºC
14
16
18
20
22
24
26
28
30
0
50
100
150
200
250
300
350
400
450
500
Pout (W)
Freq = 30 MHz
Vdd = 50 V
Idq = 250 mA
Tc = +80 ºC
Tc = -20 ºC
Tc = +25 ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com