Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SD2943 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SD2943
Description  RF Power Transistor HF/VHF/UHF N - Channel MOSFETs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2943 Datasheet(HTML) 3 Page - STMicroelectronics

  SD2943 Datasheet HTML 1Page - STMicroelectronics SD2943 Datasheet HTML 2Page - STMicroelectronics SD2943 Datasheet HTML 3Page - STMicroelectronics SD2943 Datasheet HTML 4Page - STMicroelectronics SD2943 Datasheet HTML 5Page - STMicroelectronics SD2943 Datasheet HTML 6Page - STMicroelectronics SD2943 Datasheet HTML 7Page - STMicroelectronics SD2943 Datasheet HTML 8Page - STMicroelectronics SD2943 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SD2943
1 Electrical Data
3/14
1
Electrical Data
1.1
Maximum Rating
Table 1.
Absolute Maximum Rating (TCASE = 25°C)
1.2
Thermal Data
Table 2.
Thermal data
Symbol
Parameter
Value
Unit
V(BR)DSS
(1)
1.
TJ = 150 °C
Drain Source Voltage
130
V
VDGR
(2)
2.
Repetitive rating: Pulse width limited by maximum junction temperature; Repetitive avalanche causes additional power
losses that can be calculated as: PAV = EAR * f
Drain-Gate Voltage (RGS = 1MΩ)
130
V
VGS
Gate-Source Volatge
±20
V
ID
Drain Current
40
A
PDISS
Power Dissipation
648
W
Tj
Max. Operating Junction Temperature
200
°C
EAS
Avalanche Energy, Single Pulse (ID = 60A)
1500
mJ
EAR
(2)
Avalanche Energy, Repetitive
50
mJ
TSTG
Storage Temperature
-65 to +150
°C
Symbol
Parameter
Value
Unit
RthJC
Junction to Case thermal resistance
0.27
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com