Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RA6M1 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # RA6M1
Description  Armv7E-M architecture with DSP instruction set Maximum operating frequency: 120 MHz
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA6M1 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button RA6M1 Datasheet HTML 17Page - Renesas Technology Corp RA6M1 Datasheet HTML 18Page - Renesas Technology Corp RA6M1 Datasheet HTML 19Page - Renesas Technology Corp RA6M1 Datasheet HTML 20Page - Renesas Technology Corp RA6M1 Datasheet HTML 21Page - Renesas Technology Corp RA6M1 Datasheet HTML 22Page - Renesas Technology Corp RA6M1 Datasheet HTML 23Page - Renesas Technology Corp RA6M1 Datasheet HTML 24Page - Renesas Technology Corp RA6M1 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 92 page
background image
R01DS0356EJ0100 Rev.1.00
Page 21 of 92
Oct 8, 2019
RA6M1 Group
1. Overview
B1
52
34
34
CLKOUT/T
DO/SWO
-
P109
-
-
GTOVUP
GTIOC1
A_A
-CTX1
-
TXD9/MO
SI9/SDA9
-MOSIB_
B
-
-
---
C3
53
35
35
TDI
IRQ3
P110
-
-
GTOVLO
GTIOC1
B_A
-
CRX1
CTS2_RT
S2/SS2
RXD9/MIS
O9/SCL9
-MISOB_
B
-
-
-
VCOUT
-
D3
54
36
36
-
IRQ4
P111
A05
-
-
GTIOC3
A_A
-
-
SCK2
SCK9
-
RSPCK
B_B
-
-
---
C1
55
37
37
-
-
P112
A04
-
-
GTIOC3
B_A
--
TXD2/MO
SI2/SDA2
SCK1
-
SSLB0_
B
SSIBCK
0_B
-
---
E5
56
-
-
-
-
P113
A03
-
-
GTIOC2
A
-
-
RXD2/MIS
O2/SCL2
--
-
SSILRC
K0/SSIF
S0_B
-
---
D2
57
-
-
-
-
P114
A02
-
-
GTIOC2
B
-
-
---
-
SSIRXD
0_B
-
---
E4
58
-
-
-
-
P115
A01
-
-
GTIOC4
A
-
-
---
-
SSITXD
0_B
-
---
D1
59
-
-
-
-
P608
A00
-
-
GTIOC4
B
-
-
---
-
-
-
-
-
-
E3
60
-
-
-
-
P609
CS1
-
-
GTIOC5
A
-
CTX1
---
-
-
-
-
-
-
E2
61
-
-
-
-
P610
CS0
-
-
GTIOC5
B
-
CRX1
-
-
-
-
-
-
-
-
-
E1
62
38
38
VCC
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
F2
63
39
39
VSS
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
F1
64
40
40
VCL
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
F3
65
-
-
-
-
P602
EBCL
K
--
GTIOC7
B
-
-
-
TXD9
-
-
-
-
---
F4
66
-
-
-
-
P601
WR0
-
-
GTIOC6
A
-
-
-
RXD9
-
-
-
-
---
F5
67
-
-
CLKOUT/
CACREF
-
P600
RD
-
-
GTIOC6
B
-
-
-
SCK9
-
-
-
-
---
G3
68
41
41
-
KR07
P107
D07[A
07/D0
7]
AGTOA0
-
GTIOC8
A
--
CTS8_RT
S8/SS8
-
-
QIO3
-
-
-
-
-
G2
69
42
42
-
KR06
P106
D06[A
06/D0
6]
AGTOB0
-
GTIOC8
B
-
-
SCK8
-
-
SSLA3_
A/QIO2
-
-
---
G1
70
43
43
-
IRQ0/K
R05
P105
D05[A
05/D0
5]
-
GTETRGA
GTIOC1
A
--
TXD8/MO
SI8/SDA8
-
-
SSLA2_
A/QIO1
-
-
---
H1
71
44
44
-
IRQ1/K
R04
P104
D04[A
04/D0
4]
-
GTETRGB
GTIOC1
B
-
-
RXD8/MIS
O8/SCL8
-
-
SSLA1_
A/QIO0
-
-
---
H3
72
45
45
-
KR03
P103
D03[A
03/D0
3]
-GTOWUP
GTIOC2
A_A
-
CTX0
CTS0_RT
S0/SS0
-
-
SSLA0_
A
-
-
---
J1
73
46
46
-
KR02
P102
D02[A
02/D0
2]
AGTO0
GTOWLO
GTIOC2
B_A
-
CRX0
SCK0
-
-
RSPCK
A_A
--
ADTRG0 -
-
H2
74
47
47
-
IRQ1/K
R01
P101
D01[A
01/D0
1]
AGTEE0
GTETRGB
GTIOC5
A
--
TXD0/MO
SI0/SDA0
CTS1_RT
S1/SS1
SDA1_
B
MOSIA_
A
-
-
---
H4
75
48
48
-
IRQ2/K
R00
P100
D00[A
00/D0
0]
AGTIO0
GTETRGA
GTIOC5
B
-
-
RXD0/MIS
O0/SCL0
SCK1
SCL1_
B
MISOA_
A
-
-
---
K1
76
49
49
-
-
P500
-
AGTOA0
GTIU
GTIOC11
A
-USB_V
BUSEN
---
QSPCL
K
-SD1CLK
_A
AN016
IVREF0
-
J2
77
50
50
-
IRQ11
P501
-
AGTOB0
GTIV
GTIOC11
B
-USB_O
VRCUR
A
---
QSSL
-
SD1CMD
_A
AN116
IVREF1
-
K2
78
-
-
-
IRQ12
P502
-
-
GTIW
GTIOC12
A
-USB_O
VRCUR
B
-
-
-
QIO0
-
SD1DAT
0_A
AN017
IVCMP0
-
G4
79
-
-
-
-
P503
-
-
GTETRGC
GTIOC12
B
-USB_E
XICEN
-
-
-
QIO1
-
SD1DAT
1_A
AN117
-
-
G5
80
-
-
-
-
P504
ALE
-
GTETRGD
-
-
USB_ID -
-
-
QIO2
-
SD1DAT
2_A
AN018
-
-
G6
81
-
-
-
-
P508
-
-
-
-
-
-
-
-
-
-
-
SD1DAT
3_A
AN020
-
-
K3
82
51
51
VCC
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
J3
83
52
52
VSS
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
J4
84
53
53
-
IRQ13
P015
-
-
-
-
-
-
-
-
-
-
-
-
AN006/A
N106
DA1/
IVCMP1
-
K4
85
54
54
-
-
P014
-
-
-
-
-
-
-
-
-
-
-
-
AN005/A
N105
DA0/
IVREF3
-
J5
86
55
55
VREFL
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
K5
87
56
56
VREFH
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
H5
88
57
57
AVCC0
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
H6
89
58
58
AVSS0
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
J6
90
59
59
VREFL0
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
K6
91
60
60
VREFH0
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
J7
92
-
-
-
IRQ12-
DS
P008
-
-
-
-
-
-
-
-
-
-
-
-
AN003
-
-
H7
93
-
-
-
-
P007
-
-
-
-
-
-
-
-
-
-
-
-
PGAVSS1
00/AN107
--
G7
94
-
-
-
IRQ11-
DS
P006
-
-
-
-
-
-
-
-
-
-
-
-
AN102
IVCMP2
-
K7
95
-
-
-
IRQ10-
DS
P005
-
-
-
-
-
-
-
-
-
-
-
-
AN101
IVCMP2
-
J8
96
---
IRQ9-
DS
P004
-
-
-
-
-
-
-
-
-
-
-
-
AN100
IVCMP2
-
H8
97
61
61
-
-
P003
-
-
-
-
-
-
-
-
-
-
-
-
PGAVSS0
00/AN007
--
K8
98
62
62
-
IRQ8-
DS
P002
-
-
-
-
-
-
-
-
-
-
-
-
AN002
IVCMP2
-
Pin number
Timers
Communication interfaces
Analog
HMI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com