Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RA6M1 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # RA6M1
Description  Armv7E-M architecture with DSP instruction set Maximum operating frequency: 120 MHz
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA6M1 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button RA6M1 Datasheet HTML 20Page - Renesas Technology Corp RA6M1 Datasheet HTML 21Page - Renesas Technology Corp RA6M1 Datasheet HTML 22Page - Renesas Technology Corp RA6M1 Datasheet HTML 23Page - Renesas Technology Corp RA6M1 Datasheet HTML 24Page - Renesas Technology Corp RA6M1 Datasheet HTML 25Page - Renesas Technology Corp RA6M1 Datasheet HTML 26Page - Renesas Technology Corp RA6M1 Datasheet HTML 27Page - Renesas Technology Corp RA6M1 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 92 page
background image
R01DS0356EJ0100 Rev.1.00
Page 24 of 92
Oct 8, 2019
RA6M1 Group
2. Electrical Characteristics
Note 1.
Ports P205, P206, P400, P401, P407 to P415, and P708 are 5 V tolerant.
Note 2.
Connect AVCC0 and VCC_USB to VCC.
Note 3.
See section 2.2.1, Tj/Ta Definition.
Note 4.
Contact Renesas Electronics sales office for information on derating operation when Ta = +85°C to +105°C. Derating is the
systematic reduction of load for improved reliability.
Note 5.
The upper limit of operating temperature is +85°C or +105°C, depending on the product. For details, see section 1.3, Part
Numbering.
Note 1.
Connect AVCC0 to VCC. When the A/D converter, the D/A converter, or the comparator are not in use, do not leave the
AVCC0, VREFH/VREFH0, AVSS0, and VREFL/VREFL0 pins open. Connect the AVCC0 and VREFH/VREFH0 pins to VCC,
and the AVSS0 and VREFL/VREFL0 pins to VSS, respectively.
2.2
DC Characteristics
2.2.1
Tj/Ta Definition
Note:
Make sure that Tj = Ta + θja × total power consumption (W),
where total power consumption = (VCC - VOH) × ΣIOH + VOL × ΣIOL + ICCmax × VCC.
The upper limit of operating temperature is +85°C or +105°C, depending on the product. For details, see section 1.3, Part
Numbering.
2.2.2
I/O VIH, VIL
Table 2.2
Recommended operating conditions
Parameter
Symbol
Value
Min
Typ
Max
Unit
Power supply voltages
VCC
When USB is not used
2.7
-
3.6
V
When USB is used
3.0
-
3.6
V
VSS
-0
-V
USB power supply voltages
VCC_USB
-
VCC
-
V
VSS_USB
-
0
-
V
VBATT power supply voltage
VBATT
1.8
-
3.6
V
Analog power supply voltages
AVCC0*1
-VCC
-V
AVSS0
-
0
-
V
Table 2.3
DC characteristics
Conditions: Products with operating temperature (Ta) -40 to +105°C.
Parameter
Symbol Typ
Max
Unit
Test conditions
Permissible junction temperature
100-pin LQFP
64-pin LQFP
Tj
-
125
°C
High-speed mode
Low-speed mode
Subosc-speed mode.
64-pin QFN
117
100-pin LGA
105
Table 2.4
I/O VIH, VIL (1 of 2)
Parameter
Symbo
l
Min
Typ
Max
Unit
Input voltage
(except for
Schmitt trigger
input pins)
Peripheral
function
pin
EXTAL(external clock input), WAIT, SPI
(except RSPCK)
VIH
VCC × 0.8
-
-
V
VIL
-
-
VCC × 0.2
D00 to D07
VIH
VCC × 0.7
-
-
VIL
-
-
VCC × 0.3
IIC (SMBus)*1
VIH
2.1
-
-
VIL
--
0.8
IIC (SMBus)*2
VIH
2.1
-
VCC + 3.6
(max 5.8)
VIL
--
0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com