Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F56514FDFP Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # R5F56514FDFP
Description  Max. operating frequency: 120 MHz Capable of 240 DMIPS in operation at 120 MHz
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56514FDFP Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button R5F56514FDFP Datasheet HTML 25Page - Renesas Technology Corp R5F56514FDFP Datasheet HTML 26Page - Renesas Technology Corp R5F56514FDFP Datasheet HTML 27Page - Renesas Technology Corp R5F56514FDFP Datasheet HTML 28Page - Renesas Technology Corp R5F56514FDFP Datasheet HTML 29Page - Renesas Technology Corp R5F56514FDFP Datasheet HTML 30Page - Renesas Technology Corp R5F56514FDFP Datasheet HTML 31Page - Renesas Technology Corp R5F56514FDFP Datasheet HTML 32Page - Renesas Technology Corp R5F56514FDFP Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 246 page
background image
RX65N Group, RX651 Group
1. Overview
R01DS0276EJ0230 Rev.2.30
Page 29 of 246
Jun 20, 2019
Ethernet controller
REF50CK0
Input
50-MHz reference clocks. These pins input reference signals for
transmission/reception timings in RMII mode.
RMII0_CRS_DV
Input
Indicate that there are carrier detection signals and valid
receive data on RMII0_RXD1 and RMII0_RXD0 in RMII mode.
RMII0_TXD0, RMII0_TXD1
Output
2-bit transmit data in RMII mode
RMII0_RXD0, RMII0_RXD1
Input
2-bit receive data in RMII mode
RMII0_TXD_EN
Output
Output pins for data transmit enable signals in RMII mode
RMII0_RX_ER
Input
Indicate an error has occurred during reception of data in RMII
mode.
ET0_CRS
Input
Carrier detection/data reception enable pins
ET0_RX_DV
Input
Indicate that there are valid receive data on ET0_ERXD3 to
ET0_ERXD0.
ET0_EXOUT
Output
General-purpose external output pins
ET0_LINKSTA
Input
Input link status from the PHY-LSI.
ET0_ETXD0 to ET0_ETXD3
Output
4 bits of MII transmit data
ET0_ERXD0 to ET0_ERXD3
Input
4 bits of MII receive data
ET0_TX_EN
Output
Transmit enable pins. Function as signals indicating that
transmit data is ready on ET0_ETXD3 to ET0_ETXD0.
ET0_TX_ER
Output
Transmit error pins. Function as signals notifying the PHY-LSI of
an error during transmission.
ET0_RX_ER
Input
Receive error pins. Function as signals to recognize an error
during reception.
ET0_TX_CLK
Input
Transmit clock pins. These pins input reference signals for
output timings from ET0_TX_EN, ET0_ETXD3 to ET0_ETXD0,
and ET0_TX_ER.
ET0_RX_CLK
Input
Receive clock pins. These pins input reference signals for input
timings to ET0_RX_DV, ET0_ERXD3 to ET0_ERXD0, and
ET0_RX_ER.
ET0_COL
Input
Input collision detection signals.
ET0_WOL
Output
Receive Magic packets.
ET0_MDC
Output
Output reference clock signals for information transfer via
ET0_MDIO.
ET0_MDIO
I/O
Input or output bidirectional signals for exchange of
management information between this MCU and the PHY-LSI.
USB 2.0 host/function
module
VCC_USB
Input
Power supply pin
VSS_USB
Input
Ground pin
USB0_DP
I/O
Input or output USB transceiver D+ data.
USB0_DM
I/O
Input or output USB transceiver D- data.
USB0_EXICEN
Output
Connect to the OTG power IC.
USB0_ID
Input
Connect to the OTG power IC.
USB0_VBUSEN
Output
USB VBUS power enable pins
USB0_OVRCURA/
USB0_OVRCURB
Input
USB overcurrent pins
USB0_VBUS
Input
USB cable connection/disconnection detection input pin
CAN module
CRX0, CRX1, CRX1-DS
Input
Input pins
CTX0, CTX1
Output
Output pins
Table 1.4
Pin Functions (5/8)
Classifications
Pin Name
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com