Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F56514FDFP Datasheet(PDF) 67 Page - Renesas Technology Corp

Part # R5F56514FDFP
Description  Max. operating frequency: 120 MHz Capable of 240 DMIPS in operation at 120 MHz
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56514FDFP Datasheet(HTML) 67 Page - Renesas Technology Corp

Back Button R5F56514FDFP Datasheet HTML 63Page - Renesas Technology Corp R5F56514FDFP Datasheet HTML 64Page - Renesas Technology Corp R5F56514FDFP Datasheet HTML 65Page - Renesas Technology Corp R5F56514FDFP Datasheet HTML 66Page - Renesas Technology Corp R5F56514FDFP Datasheet HTML 67Page - Renesas Technology Corp R5F56514FDFP Datasheet HTML 68Page - Renesas Technology Corp R5F56514FDFP Datasheet HTML 69Page - Renesas Technology Corp R5F56514FDFP Datasheet HTML 70Page - Renesas Technology Corp R5F56514FDFP Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 246 page
background image
RX65N Group, RX651 Group
1. Overview
R01DS0276EJ0230 Rev.2.30
Page 67 of 246
Jun 20, 2019
49
VSS_USB
50
P56
EDACK1
MTIOC3C/
TIOCA1
SCK7*1
51
TRDATA3
P55
D0[A0/D0]*1/
WAIT#/
EDREQ0
MTIOC4D/
TMO3
ET0_EXOUT/
TXD7*1/
SMOSI7*1/
SSDA7*1/CRX1
IRQ10
52
TRDATA2
P54
ALE/D1[A1/
D1]*1/
EDACK0
MTIOC4B/
TMCI1
ET0_LINKSTA/
CTS2#/RTS2#/
SS2#/CTX1
53
P53*2
BCLK
54
P52
RD#
RXD2/SMISO2/
SSCL2/SSLB3-A
55
P51
WR1#/
BC1#/
WAIT#
SCK2/SSLB2-A
56
P50
WR0#/WR#
TXD2/SMOSI2/
SSDA2/SSLB1-A
57
VSS
58
TRCLK
P83
EDACK1
MTIOC4C
ET0_CRS/
RMII0_CRS_DV/
SCK10/SS10#/
CTS10#
59
VCC
60
UB
PC7
A23/CS0#
MTIOC3A/
MTCLKB/
TMO2/PO31/
TOC0/
CACREF
ET0_COL/TXD8/
SMOSI8/SSDA8/
SMOSI10/
SSDA10/TXD10/
MISOA-A
MMC_D7-A
IRQ14
61
PC6
D2[A2/D2]*1/
A22/CS1#
MTIOC3C/
MTCLKA/
TMCI2/PO30/
TIC0
ET0_ETXD3/
RXD8/SMISO8/
SSCL8/
SMISO10/
SSCL10/RXD10/
MOSIA-A
MMC_D6-A
IRQ13
62
PC5
D3[A3/D3]*1/
A21/CS2#/
WAIT#
MTIOC3B/
MTCLKD/
TMRI2/PO29
ET0_ETXD2/
SCK8/SCK10/
RSPCKA-A
MMC_D5-A
63
TRSYNC
P82
EDREQ1
MTIOC4A/
PO28
ET0_ETXD1/
RMII0_TXD1/
SMOSI10/
SSDA10/TXD10
MMC_D4-A
64
TRDATA1
P81
EDACK0
MTIOC3D/
PO27
ET0_ETXD0/
RMII0_TXD0/
SMISO10/
SSCL10/RXD10
QIO3-A/SDHI_CD/
MMC_D3-A
65
TRDATA0
P80
EDREQ0
MTIOC3B/
PO26
ET0_TX_EN/
RMII0_TXD_EN/
SCK10/RTS10#
QIO2-A/SDHI_WP/
MMC_D2-A
66
PC4
A20/CS3#
MTIOC3D/
MTCLKC/
TMCI1/PO25/
POE0#
ET0_TX_CLK/
SCK5/CTS8#/
RTS8#/SS8#/
SS10#/CTS10#/
RTS10#/SSLA0-
A
QMI-A/QIO1-A/
SDHI_D1-A/
SDSI_D1-A/
MMC_D1-A
67
PC3
A19
MTIOC4D/
TCLKB/PO24
ET0_TX_ER/
TXD5/SMOSI5/
SSDA5
QMO-A/QIO0-A/
SDHI_D0-A/
SDSI_D0-A/
MMC_D0-A
68
TRDATA7
P77
CS7#
PO23
ET0_RX_ER/
RMII0_RX_ER/
SMOSI11/
SSDA11/TXD11
QSPCLK-A/
SDHI_CLK-A/
SDSI_CLK-A/
MMC_CLK-A
Table 1.8
List of Pin and Pin Functions (144-Pin LFQFP) (3/7)
Pin
Number
Power Supply
Clock System
Control
I/O Port
Bus
EXDMAC
SDRAMC
Timer
Communication
Memory Interface
Camera Interface
GLCDC
Interrupt
A/D
D/A
144-Pin
LFQFP
(MTU, TPU,
TMR, PPG,
RTC, CMTW,
POE, CAC)
(ETHERC, SCI,
RSPI, RIIC,
CAN, USB)
(QSPI, SDHI, SDSI,
MMCIF, PDC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com