Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F56517FDFM Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # R5F56517FDFM
Description  Max. operating frequency: 120 MHz Capable of 240 DMIPS in operation at 120 MHz
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56517FDFM Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button R5F56517FDFM Datasheet HTML 64Page - Renesas Technology Corp R5F56517FDFM Datasheet HTML 65Page - Renesas Technology Corp R5F56517FDFM Datasheet HTML 66Page - Renesas Technology Corp R5F56517FDFM Datasheet HTML 67Page - Renesas Technology Corp R5F56517FDFM Datasheet HTML 68Page - Renesas Technology Corp R5F56517FDFM Datasheet HTML 69Page - Renesas Technology Corp R5F56517FDFM Datasheet HTML 70Page - Renesas Technology Corp R5F56517FDFM Datasheet HTML 71Page - Renesas Technology Corp R5F56517FDFM Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 246 page
background image
RX65N Group, RX651 Group
1. Overview
R01DS0276EJ0230 Rev.2.30
Page 68 of 246
Jun 20, 2019
69
TRDATA6
P76
CS6#
PO22
ET0_RX_CLK/
REF50CK0/
SMISO11/
SSCL11/RXD11
QSSL-A/
SDHI_CMD-A/
SDSI_CMD-A/
MMC_CMD-A
70
PC2
A18
MTIOC4B/
TCLKA/PO21
ET0_RX_DV/
RXD5/SMISO5/
SSCL5/SSLA3-A
SDHI_D3-A/
SDSI_D3-A/
MMC_CD-A
71
TRSYNC1
P75
CS5#
PO20
ET0_ERXD0/
RMII0_RXD0/
SCK11/RTS11#
SDHI_D2-A/
SDSI_D2-A/
MMC_RES#-A
72
TRDATA5
P74
A20/CS4#
PO19
ET0_ERXD1/
RMII0_RXD1/
SS11#/CTS11#
73
PC1
A17
MTIOC3A/
TCLKD/PO18
ET0_ERXD2/
SCK5/SSLA2-A
IRQ12
74
VCC
75
PC0
A16
MTIOC3C/
TCLKC/PO17
ET0_ERXD3/
CTS5#/RTS5#/
SS5#/SSLA1-A
IRQ14
76
VSS
77
TRDATA4
P73
CS3#
PO16
ET0_WOL
78
PB7
A15
MTIOC3B/
TIOCB5/PO31
ET0_CRS/
RMII0_CRS_DV/
TXD9/SMOSI9/
SSDA9/
SMOSI11/
SSDA11/TXD11
SDSI_D1-B
79
PB6
A14
MTIOC3D/
TIOCA5/PO30
ET0_ETXD1/
RMII0_TXD1/
RXD9/SMISO9/
SSCL9/
SMISO11/
SSCL11/RXD11
SDSI_D0-B
80
PB5
A13
MTIOC2A/
MTIOC1B/
TIOCB4/
TMRI1/PO29/
POE4#
ET0_ETXD0/
RMII0_TXD0/
SCK9/SCK11
SDSI_CLK-B
LCD_CL
K-B*1
81
PB4
A12
TIOCA4/PO28
ET0_TX_EN/
RMII0_TXD_EN/
CTS9#/RTS9#/
SS9#/SS11#/
CTS11#/RTS11#
SDSI_CMD-B
LCD_TC
ON0-B*1
82
PB3
A11
MTIOC0A/
MTIOC4A/
TIOCD3/
TCLKD/TMO0/
PO27/POE11#
ET0_RX_ER/
RMII0_RX_ER/
SCK4/SCK6
SDSI_D3-B
LCD_TC
ON1-B*1
83
PB2
A10
TIOCC3/
TCLKC/PO26
ET0_RX_CLK/
REF50CK0/
CTS4#/RTS4#/
SS4#/CTS6#/
RTS6#/SS6#
SDSI_D2-B
LCD_TC
ON2-B*1
84
PB1
A9
MTIOC0C/
MTIOC4C/
TIOCB3/
TMCI0/PO25
ET0_ERXD0/
RMII0_RXD0/
TXD4/SMOSI4/
SSDA4/TXD6/
SMOSI6/SSDA6
LCD_TC
ON3-B*1
IRQ4-DS
85
P72
A19/CS2#
ET0_MDC
86
P71
A18/CS1#
ET0_MDIO
Table 1.8
List of Pin and Pin Functions (144-Pin LFQFP) (4/7)
Pin
Number
Power Supply
Clock System
Control
I/O Port
Bus
EXDMAC
SDRAMC
Timer
Communication
Memory Interface
Camera Interface
GLCDC
Interrupt
A/D
D/A
144-Pin
LFQFP
(MTU, TPU,
TMR, PPG,
RTC, CMTW,
POE, CAC)
(ETHERC, SCI,
RSPI, RIIC,
CAN, USB)
(QSPI, SDHI, SDSI,
MMCIF, PDC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com