Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F56517FDFM Datasheet(PDF) 99 Page - Renesas Technology Corp

Part # R5F56517FDFM
Description  Max. operating frequency: 120 MHz Capable of 240 DMIPS in operation at 120 MHz
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56517FDFM Datasheet(HTML) 99 Page - Renesas Technology Corp

Back Button R5F56517FDFM Datasheet HTML 95Page - Renesas Technology Corp R5F56517FDFM Datasheet HTML 96Page - Renesas Technology Corp R5F56517FDFM Datasheet HTML 97Page - Renesas Technology Corp R5F56517FDFM Datasheet HTML 98Page - Renesas Technology Corp R5F56517FDFM Datasheet HTML 99Page - Renesas Technology Corp R5F56517FDFM Datasheet HTML 100Page - Renesas Technology Corp R5F56517FDFM Datasheet HTML 101Page - Renesas Technology Corp R5F56517FDFM Datasheet HTML 102Page - Renesas Technology Corp R5F56517FDFM Datasheet HTML 103Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 246 page
background image
R01DS0276EJ0230 Rev.2.30
Page 99 of 246
Jun 20, 2019
RX65N Group, RX651 Group
4. I/O Registers
0008 2BF0h
EXDMA
C
Cluster Buffer Register 4
CLSBR4
32
32
1, 2 BCLK
EXDMAC
a
0008 2BF4h
EXDMA
C
Cluster Buffer Register 5
CLSBR5
32
32
1, 2 BCLK
EXDMAC
a
0008 2BF8h
EXDMA
C
Cluster Buffer Register 6
CLSBR6
32
32
1, 2 BCLK
EXDMAC
a
0008 2BFCh
EXDMA
C
Cluster Buffer Register 7
CLSBR7
32
32
1, 2 BCLK
EXDMAC
a
0008 3002h
BSC
CS0 Mode Register
CS0MOD
16
16
1, 2 BCLK
Buses
0008 3004h
BSC
CS0 Wait Control Register 1
CS0WCR1
32
32
1, 2 BCLK
Buses
0008 3008h
BSC
CS0 Wait Control Register 2
CS0WCR2
32
32
1, 2 BCLK
Buses
0008 3012h
BSC
CS1 Mode Register
CS1MOD
16
16
1, 2 BCLK
Buses
0008 3014h
BSC
CS1 Wait Control Register 1
CS1WCR1
32
32
1, 2 BCLK
Buses
0008 3018h
BSC
CS1 Wait Control Register 2
CS1WCR2
32
32
1, 2 BCLK
Buses
0008 3022h
BSC
CS2 Mode Register
CS2MOD
16
16
1, 2 BCLK
Buses
0008 3024h
BSC
CS2 Wait Control Register 1
CS2WCR1
32
32
1, 2 BCLK
Buses
0008 3028h
BSC
CS2 Wait Control Register 2
CS2WCR2
32
32
1, 2 BCLK
Buses
0008 3032h
BSC
CS3 Mode Register
CS3MOD
16
16
1, 2 BCLK
Buses
0008 3034h
BSC
CS3 Wait Control Register 1
CS3WCR1
32
32
1, 2 BCLK
Buses
0008 3038h
BSC
CS3 Wait Control Register 2
CS3WCR2
32
32
1, 2 BCLK
Buses
0008 3042h
BSC
CS4 Mode Register
CS4MOD
16
16
1, 2 BCLK
Buses
0008 3044h
BSC
CS4 Wait Control Register 1
CS4WCR1
32
32
1, 2 BCLK
Buses
0008 3048h
BSC
CS4 Wait Control Register 2
CS4WCR2
32
32
1, 2 BCLK
Buses
0008 3052h
BSC
CS5 Mode Register
CS5MOD
16
16
1, 2 BCLK
Buses
0008 3054h
BSC
CS5 Wait Control Register 1
CS5WCR1
32
32
1, 2 BCLK
Buses
0008 3058h
BSC
CS5 Wait Control Register 2
CS5WCR2
32
32
1, 2 BCLK
Buses
0008 3062h
BSC
CS6 Mode Register
CS6MOD
16
16
1, 2 BCLK
Buses
0008 3064h
BSC
CS6 Wait Control Register 1
CS6WCR1
32
32
1, 2 BCLK
Buses
0008 3068h
BSC
CS6 Wait Control Register 2
CS6WCR2
32
32
1, 2 BCLK
Buses
0008 3072h
BSC
CS7 Mode Register
CS7MOD
16
16
1, 2 BCLK
Buses
0008 3074h
BSC
CS7 Wait Control Register 1
CS7WCR1
32
32
1, 2 BCLK
Buses
0008 3078h
BSC
CS7 Wait Control Register 2
CS7WCR2
32
32
1, 2 BCLK
Buses
0008 3802h
BSC
CS0 Control Register
CS0CR
16
16
1, 2 BCLK
Buses
0008 380Ah
BSC
CS0 Recovery Cycle Register
CS0REC
16
16
1, 2 BCLK
Buses
0008 3812h
BSC
CS1 Control Register
CS1CR
16
16
1, 2 BCLK
Buses
0008 381Ah
BSC
CS1 Recovery Cycle Register
CS1REC
16
16
1, 2 BCLK
Buses
0008 3822h
BSC
CS2 Control Register
CS2CR
16
16
1, 2 BCLK
Buses
0008 382Ah
BSC
CS2 Recovery Cycle Register
CS2REC
16
16
1, 2 BCLK
Buses
0008 3832h
BSC
CS3 Control Register
CS3CR
16
16
1, 2 BCLK
Buses
0008 383Ah
BSC
CS3 Recovery Cycle Register
CS3REC
16
16
1, 2 BCLK
Buses
0008 3842h
BSC
CS4 Control Register
CS4CR
16
16
1, 2 BCLK
Buses
0008 384Ah
BSC
CS4 Recovery Cycle Register
CS4REC
16
16
1, 2 BCLK
Buses
0008 3852h
BSC
CS5 Control Register
CS5CR
16
16
1, 2 BCLK
Buses
0008 385Ah
BSC
CS5 Recovery Cycle Register
CS5REC
16
16
1, 2 BCLK
Buses
0008 3862h
BSC
CS6 Control Register
CS6CR
16
16
1, 2 BCLK
Buses
0008 386Ah
BSC
CS6 Recovery Cycle Register
CS6REC
16
16
1, 2 BCLK
Buses
0008 3872h
BSC
CS7 Control Register
CS7CR
16
16
1, 2 BCLK
Buses
0008 387Ah
BSC
CS7 Recovery Cycle Register
CS7REC
16
16
1, 2 BCLK
Buses
0008 3880h
BSC
CS Recovery Cycle Insertion Enable Register
CSRECEN
16
16
1, 2 BCLK
Buses
0008 3C00h
BSC
SDC Control Register
SDCCR
8
8
1, 2 BCLK
Buses
0008 3C01h
BSC
SDC Mode Register
SDCMOD
8
8
1, 2 BCLK
Buses
Table 4.1
List of I/O Registers (Address Order) (6 / 60)
Address
Module
Symbol Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
Related
Function
ICLK ≥ PCLK
ICLK < PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com