Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLUENRG-355AC Datasheet(PDF) 63 Page - STMicroelectronics

Part # BLUENRG-355AC
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-355AC Datasheet(HTML) 63 Page - STMicroelectronics

Back Button BLUENRG-355AC Datasheet HTML 59Page - STMicroelectronics BLUENRG-355AC Datasheet HTML 60Page - STMicroelectronics BLUENRG-355AC Datasheet HTML 61Page - STMicroelectronics BLUENRG-355AC Datasheet HTML 62Page - STMicroelectronics BLUENRG-355AC Datasheet HTML 63Page - STMicroelectronics BLUENRG-355AC Datasheet HTML 64Page - STMicroelectronics BLUENRG-355AC Datasheet HTML 65Page - STMicroelectronics BLUENRG-355AC Datasheet HTML 66Page - STMicroelectronics BLUENRG-355AC Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 72 page
background image
Table 47. WLCSP49 (3.14x3.14x0.4, pitch 0.4 mm) mechanical data
Symbol
Milimeters
Min.
Typ.
Max.
A
0.380
0.400
0.420
A1
0.135
0.150
0.165
A2
0.212
0.225
0.238
b
0.214
0.218
0.222
D
3.120
3.140
3.160
D1
2.400
E
3.120
3.140
3.160
E1
2.400
e
0.400
fD
0.416
fE
0.263
fG
0.477
fH
0.324
$
0.022
0.025
0.028
ccc
0.060
Figure 27. WLCSP49 (3.14x3.14x0.4, pitch 0.4 mm) recommended footprint
BlueNRG-LP
WLCSP49 (3.14x3.14x0.4, pitch 0.4 mm) package information
DS13282 - Rev 2
page 63/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com