Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLUENRG-355AC Datasheet(PDF) 16 Page - STMicroelectronics

Part # BLUENRG-355AC
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-355AC Datasheet(HTML) 16 Page - STMicroelectronics

Back Button BLUENRG-355AC Datasheet HTML 12Page - STMicroelectronics BLUENRG-355AC Datasheet HTML 13Page - STMicroelectronics BLUENRG-355AC Datasheet HTML 14Page - STMicroelectronics BLUENRG-355AC Datasheet HTML 15Page - STMicroelectronics BLUENRG-355AC Datasheet HTML 16Page - STMicroelectronics BLUENRG-355AC Datasheet HTML 17Page - STMicroelectronics BLUENRG-355AC Datasheet HTML 18Page - STMicroelectronics BLUENRG-355AC Datasheet HTML 19Page - STMicroelectronics BLUENRG-355AC Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 72 page
background image
•
SPI: when the I2S mode is used, the baud rate is always managed through the 16 MHz or 32 MHz clock.
When modes other than the I2S run, the baud rate is managed by the system clock. This implies its baud
rate is impacted by dynamic system clock frequency changes
•
RNG: in parallel to the system clock, the RNG always uses 16 MHz clock to generate at a constant
frequency the random number whatever the system clock frequency
•
Flash controller: in parallel to the system clock, the Flash controller always uses 16 MHz clock to generate
specific delays required by the Flash memory during programming and erase operations for example
•
PKA: in parallel to the system clock, the PKA uses a clock at half of the system clock frequency
•
Radio: it does not directly use the system clock for its APB/AHB interfaces, but the system clock with a
potential divider (1 or 2 or 4). In parallel, the radio always uses 16 MHz and always 32 MHz for modulator,
demodulator and to have a fixed reference clock to manage specific delays
•
ADC: in parallel to the system clock, ADC uses a 64 MHz prescaled clock running at 16 MHz
1.10
Boot mode
Following CPU boot, the application software can modify the memory map at address 0x0000 0000. This
modification is performed by programming the REMAP bit in the Flash controller.
The following memory can be remapped:
•
Main Flash memory
•
SRAM0 memory
1.11
Embedded UART bootloader
The BlueNRG-LP has a pre-programmed bootloader supporting UART protocol with automatic baud rate
detection. The main features of the embedded bootloader are:
•
Auto baud rate detection up to 1 Mbps
•
Flash mass erase, section erase
•
Flash programming
•
Flash readout protection enable/disable
The pre-programmed bootloader is an application, which is stored in the BlueNRG-LP internal ROM at
manufacturing time by STMicroelectronics. This application allows upgrading the device Flash with a user
application using a serial communication channel (UART).
Bootloader is activated by hardware by forcing PA10 high during hardware reset, otherwise, application residing in
Flash is launched.
Note:
Bootloader protocol is described in a separate application note (the BlueNRG-LP UART bootloader protocol,
AN5471)
1.12
General purpose inputs/outputs (GPIO)
Each of the GPIO pins can be configured by software as output (push-pull or open-drain), as input (with or without
pull-up or pull-down) or as peripheral alternate function. Most of the GPIO pins are shared with digital or analog
alternate functions. Fast I/O toggling can be achieved thanks to their mapping on the AHB0 bus.
The I/Os alternate function configuration can be locked if needed following a specific sequence in order to avoid
spurious writing to the I/Os registers.
1.13
Direct memory access (DMA)
The DMA is used in order to provide high-speed data transfer between peripherals and memory as well as
memory-to-memory. Data can be quickly moved by DMA without any CPU actions. In this manner, CPU resources
are free for other operations.
The DMA controller has eight channels in total. Each has an arbiter to handle the priority among DMA requests.
DMA main features are:
•
Eight independently configurable channels (requests)
•
Each of the eight channels is connected to dedicated hardware DMA requests, software trigger is also
supported on each channel. This configuration is done by software
BlueNRG-LP
Boot mode
DS13282 - Rev 2
page 16/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com