Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCAN90004 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # SCAN90004
Description  4-Channel LVDS Buffer/Repeater with Pre-Emphasis and IEEE 1149.6
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCAN90004 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  SCAN90004 Datasheet HTML 1Page - National Semiconductor (TI) SCAN90004 Datasheet HTML 2Page - National Semiconductor (TI) SCAN90004 Datasheet HTML 3Page - National Semiconductor (TI) SCAN90004 Datasheet HTML 4Page - National Semiconductor (TI) SCAN90004 Datasheet HTML 5Page - National Semiconductor (TI) SCAN90004 Datasheet HTML 6Page - National Semiconductor (TI) SCAN90004 Datasheet HTML 7Page - National Semiconductor (TI) SCAN90004 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Electrical Characteristics (Continued)
Over recommended operating supply and temperature ranges unless other specified.
Symbol
Parameter
Conditions
Min
Typ
(Note 4)
Max
Units
SWITCHING CHARACTERISTICS — SCAN FEATURES
f
MAX
Maximum TCK Clock
Frequency
R
L = 500
Ω,
C
L =35pF
25.0
MHz
t
S
TDI to TCK, H or L
3.0
ns
t
H
TDI to TCK, H or L
0.5
ns
t
S
TMS to TCK, H or L
2.5
ns
t
H
TMS to TCK, H or L
0.5
ns
t
W
TCK Pulse Width, H or L
10.0
ns
t
W
TRST Pulse Width, L
2.5
ns
t
REC
Recovery Time, TRST to TCK
1.0
ns
Note 4: Typical parameters are measured at VDD = 3.3V, TA = 25˚C. They are for reference purposes, and are not production-tested.
Note 5: Differential output voltage VOD is defined as ABS(OUT+–OUT−). Differential input voltage VID is defined as ABS(IN+–IN−).
Note 6: Output offset voltage VOS is defined as the average of the LVDS single-ended output voltages at logic high and logic low states.
Note 7: Jitter is not production tested, but guaranteed through characterization on a sample basis.
Note 8: Random Jitter, or RJ, is measured RMS with a histogram including 1500 histogram window hits. The input voltage = VID = 500mV, 50% duty cycle at
750MHz, tr =tf = 50ps (20% to 80%).
Note 9: Deterministic Jitter, or DJ, is measured to a histogram mean with a sample size of 350 hits. The input voltage = VID = 500mV, K28.5 pattern at 1.5 Gbps,
tr =tf = 50ps (20% to 80%). The K28.5 pattern is repeating bit streams of (0011111010 1100000101).
Note 10: Total Jitter, or TJ, is measured peak to peak with a histogram including 3500 window hits. Stimulus and fixture jitter has been subtracted. The input voltage
=VID = 500mV, 2
23-1 PRBS pattern at 1.5 Gbps, t
r =tf = 50ps (20% to 80%).
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com