Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCAN90004 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # SCAN90004
Description  4-Channel LVDS Buffer/Repeater with Pre-Emphasis and IEEE 1149.6
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCAN90004 Datasheet(HTML) 6 Page - National Semiconductor (TI)

  SCAN90004 Datasheet HTML 1Page - National Semiconductor (TI) SCAN90004 Datasheet HTML 2Page - National Semiconductor (TI) SCAN90004 Datasheet HTML 3Page - National Semiconductor (TI) SCAN90004 Datasheet HTML 4Page - National Semiconductor (TI) SCAN90004 Datasheet HTML 5Page - National Semiconductor (TI) SCAN90004 Datasheet HTML 6Page - National Semiconductor (TI) SCAN90004 Datasheet HTML 7Page - National Semiconductor (TI) SCAN90004 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Feature Descriptions
OUTPUT CHARACTERISTICS
The output characteristics of the SCAN90004 have been
optimized for point-to-point backplane and cable applica-
tions, and are not intended for multipoint or multidrop signal-
ing.
POWERDOWN MODE
The PWDN input activates a hardware powerdown mode.
When the powerdown mode is active (PWDN=L), all input
and output buffers and internal bias circuitry are powered off
and disabled. Outputs are tri-stated in powerdown mode.
JTAG Circuitry is active per the IEEE standard, but does not
switch unless TCK is toggling. When exiting powerdown
mode, there is a delay associated with turning on bandgap
references and input/output buffer circuits as indicated in the
LVDS Output Switching Characteristics
PRE-EMPHASIS
Pre-emphasis dramatically reduces ISI jitter from long or
lossy transmission media. Two pins are used to select the
pre-emphasis level for all outputs: off, low, medium, or high.
Pre-emphasis Control Selection Table
PEM1
PEM0
Pre-Emphasis
0
0
Off
0
1
Low
1
0
Medium
1
1
High
INPUT FAILSAFE BIASING
External pull up and pull down resistors may be used to
provide enough of an offset to enable an input failsafe under
open-circuit conditions. This configuration ties the positive
LVDS input pin to V
DD thru a pull up resistor and the negative
LVDS input pin is tied to GND by a pull down resistor. The
pull up and pull down resistors should be in the 5k
Ω to 15kΩ
range to minimize loading and waveform distortion to the
driver. The common-mode bias point ideally should be set to
approximately 1.2V (less than 1.75V) to be compatible with
the internal circuitry. Please refer to application note AN-
1194 “Failsafe Biasing of LVDS Interfaces” for more informa-
tion.
Design-for-Test (DfT) Features
IEEE 1149.1 (JTAG) SUPPORT
The SCAN90004 supports a fully compliant IEEE 1149.1
interface. The Test Access Port (TAP) provides access to
boundary scan cells at each LVTTL I/O on the device for
interconnect testing. Differential pins are included in the
same boundary scan chain but instead contain IEEE1149.6
cells. IEEE1149.6 is the improved IEEE standard for testing
high-speed differential signals.
Refer to the BSDL file located on National’s website for the
details of the SCAN90004 IEEE 1149.1 implementation.
IEEE 1149.6 SUPPORT
AC-coupled differential interconnections on very high speed
(1+ Gbps) data paths are not testable using traditional IEEE
1149.1 techniques. The IEEE 1149.1 structures and meth-
ods are intended to test static (DC-coupled), single ended
networks. IEEE1149.6 is specifically designed for testing
high-speed differential, including AC coupled networks.
The SCAN90004 is intended for high-speed signalling up to
1.5 Gbps and includes IEEE1149.6 on all differential inputs
and outputs.
FAULT INSERTION
Fault Insertion is a technique used to assist in the verification
and debug of diagnostic software. During system testing
faults are "injected" to simulate hardware failure and thus
help verify the monitoring software can detect and diagnose
these faults. In the SCAN90004 an IEEE1149.1 "stuck-at"
instruction can create a stuck-at condition, either high or low,
on any pin or combination of pins. A more detailed descrip-
tion of the stuck-at feature can be found in NSC Applications
note AN-1313.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com