Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F334C8T7TR Datasheet(PDF) 53 Page - STMicroelectronics

Part # STM32F334C8T7TR
Description  Arm®Cortex®-M4 32b MCUFPU,up to 64KB Flash,16KB SRAM, 2 ADCs,3 DACs,3 comp.,op-amp, 217ps 10-ch (HRTIM1)
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F334C8T7TR Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STM32F334C8T7TR Datasheet HTML 49Page - STMicroelectronics STM32F334C8T7TR Datasheet HTML 50Page - STMicroelectronics STM32F334C8T7TR Datasheet HTML 51Page - STMicroelectronics STM32F334C8T7TR Datasheet HTML 52Page - STMicroelectronics STM32F334C8T7TR Datasheet HTML 53Page - STMicroelectronics STM32F334C8T7TR Datasheet HTML 54Page - STMicroelectronics STM32F334C8T7TR Datasheet HTML 55Page - STMicroelectronics STM32F334C8T7TR Datasheet HTML 56Page - STMicroelectronics STM32F334C8T7TR Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 125 page
background image
DS9994 Rev 9
53/125
STM32F334x4 STM32F334x6 STM32F334x8
Electrical characteristics
103
6.3.2
Operating conditions at power-up / power-down
The parameters given in Table 20 are derived from tests performed under the ambient
temperature condition summarized in Table 19.
6.3.3
Characteristics of the embedded reset and power-control block
The parameters given in Table 21 are derived from tests performed under ambient
temperature and VDD supply voltage conditions summarized in Table 19.
Table 20. Operating conditions at power-up / power-down
Symbol
Parameter
Conditions
Min.
Max.
Unit
tVDD
VDD rise time rate
-
0
∞
µs/V
VDD fall time rate
20
∞
tVDDA
VDDA rise time rate
-
0
∞
VDDA fall time rate
20
∞
Table 21. Embedded reset and power control block characteristics
Symbol
Parameter
Conditions
Min.
Typ. Max. Unit
VPOR/PDR(1)
1. The PDR detector monitors VDD and also VDDA (if kept enabled in the option bytes). The POR detector
monitors only VDD.
Power on/power down
reset threshold
Falling edge
1.8(2)
2. The product behavior is guaranteed by design down to the minimum VPOR/PDR value.
1.88
1.96
V
Rising edge
1.84
1.92
2.0
V
VPDRhyst(1) PDR hysteresis
-
-
40
-
mV
tRSTTEMPO(3)
3. Guaranteed by design, not tested in production.
POR reset
temporization
-
1.5
2.5
4.5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com