Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F334C8T7TR Datasheet(PDF) 94 Page - STMicroelectronics

Part # STM32F334C8T7TR
Description  Arm®Cortex®-M4 32b MCUFPU,up to 64KB Flash,16KB SRAM, 2 ADCs,3 DACs,3 comp.,op-amp, 217ps 10-ch (HRTIM1)
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F334C8T7TR Datasheet(HTML) 94 Page - STMicroelectronics

Back Button STM32F334C8T7TR Datasheet HTML 90Page - STMicroelectronics STM32F334C8T7TR Datasheet HTML 91Page - STMicroelectronics STM32F334C8T7TR Datasheet HTML 92Page - STMicroelectronics STM32F334C8T7TR Datasheet HTML 93Page - STMicroelectronics STM32F334C8T7TR Datasheet HTML 94Page - STMicroelectronics STM32F334C8T7TR Datasheet HTML 95Page - STMicroelectronics STM32F334C8T7TR Datasheet HTML 96Page - STMicroelectronics STM32F334C8T7TR Datasheet HTML 97Page - STMicroelectronics STM32F334C8T7TR Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 125 page
background image
Electrical characteristics
STM32F334x4 STM32F334x6 STM32F334x8
94/125
DS9994 Rev 9
SNR(4)
Signal-to-
noise ratio
ADC clock freq.
≤ 72 MHz
Sampling freq.
≤ 5 Msps
VDDA = 3.3 V
25°C
Single
ended
Fast channel 5.1 Ms
66
67
-
dB
Slow channel 4.8 Ms
66
67
-
Differential
Fast channel 5.1 Ms
69
70
-
Slow channel 4.8 Ms
69
70
-
THD(4)
Total
harmonic
distortion
Single
ended
Fast channel 5.1 Ms
-
-80
-80
Slow channel 4.8 Ms
-
-78
-77
Differential
Fast channel 5.1 Ms
-
-83
-82
Slow channel 4.8 Ms
-
-81
-80
1. ADC DC accuracy values are measured after internal calibration.
2. ADC accuracy vs. negative Injection Current: Injecting negative current on any analog input pins must be avoided as this
significantly reduces the accuracy of the conversion being performed on another analog input. It is recommended to add a
Schottky diode (pin to ground) to analog pins which may potentially inject negative current.
Any positive injection current within the limits specified for IINJ(PIN) and ΣIINJ(PIN) in Section 6.3.14 does not affect the ADC
accuracy.
3. Data based on characterization results, not tested in production.
4. Value measured with a -0.5 dB full scale 50 kHz sine wave input signal.
Table 66. ADC accuracy - limited test conditions(1)(2) (continued)
Symbol Parameter
Conditions
Min.
(3)
Typ. Max.(3) Unit
Table 67. ADC accuracy (1)(2)(3)
Symbol Parameter
Conditions
Min.(4)
Max.(4) Unit
ET
Total
unadjusted
error
ADC clock freq.
≤ 72 MHz,
Sampling freq.
≤ 5 Msps
2.0 V
≤ VDDA ≤ 3.6 V
Single
ended
Fast channel 5.1 Ms
-
±6.5
LSB
Slow channel 4.8 Ms
-
±6.5
Differential
Fast channel 5.1 Ms
-
±4
Slow channel 4.8 Ms
-
±4.5
EO
Offset error
Single
ended
Fast channel 5.1 Ms
-
±3
Slow channel 4.8 Ms
-
±3
Differential
Fast channel 5.1 Ms
-
±2.5
Slow channel 4.8 Ms
-
±2.5
EG
Gain error
Single
ended
Fast channel 5.1 Ms
-
±6
Slow channel 4.8 Ms
-
±6
Differential
Fast channel 5.1 Ms
-
±3.5
Slow channel 4.8 Ms
-
±4
ED
Differential
linearity
error
Single
ended
Fast channel 5.1 Ms
-
±1.5
Slow channel 4.8 Ms
-
±1.5
Differential
Fast channel 5.1 Ms
-
±1.5
Slow channel 4.8 Ms
-
±1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com