Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G47CEU6XXX Datasheet(PDF) 73 Page - STMicroelectronics

Part # STM32G47CEU6XXX
Description  Arm® Cortex®-M4 32-bit MCUFPU, up to 512 KB Flash, 170 MHz / 213DMIPS, 128 KB SRAM, rich analog, math accelerator
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G47CEU6XXX Datasheet(HTML) 73 Page - STMicroelectronics

Back Button STM32G47CEU6XXX Datasheet HTML 69Page - STMicroelectronics STM32G47CEU6XXX Datasheet HTML 70Page - STMicroelectronics STM32G47CEU6XXX Datasheet HTML 71Page - STMicroelectronics STM32G47CEU6XXX Datasheet HTML 72Page - STMicroelectronics STM32G47CEU6XXX Datasheet HTML 73Page - STMicroelectronics STM32G47CEU6XXX Datasheet HTML 74Page - STMicroelectronics STM32G47CEU6XXX Datasheet HTML 75Page - STMicroelectronics STM32G47CEU6XXX Datasheet HTML 76Page - STMicroelectronics STM32G47CEU6XXX Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 229 page
background image
PD0
-
-
-
-
-
-
TIM8_CH4
N
--
CAN1_R
X
-
-
FMC_D2
-
-
EVENT
OUT
PD1
-
-
-
-
TIM8_
CH4
-
TIM8_BKIN
2
--
CAN1_T
X
-
-
FMC_D3
-
-
EVENT
OUT
PD2
-
-
TIM3_ETR
-
TIM8_
BKIN
UART5_RX
-
-
-
-
-
-
-
-
-
EVENT
OUT
PD3
-
-
TIM2_CH1/TIM2
_ETR
--
-
-
USART2_CT
S
--
QUADSPI_B
K2_NCS
-
FMC_CLK
-
-
EVENT
OUT
PD4
-
-
TIM2_CH2
-
-
-
-
USART2_RT
S_DE
-
CAN1_R
XFD
QUADSPI_B
K2_IO0
-FMC_NOE
-
-
EVENT
OUT
PD5
-
-
-
-
-
-
-
USART2_TX
-
CAN1_T
XFD
QUADSPI_B
K2_IO1
-FMC_NWE
-
-
EVENT
OUT
PD6
-
-
TIM2_CH4
SAI_D1
-
-
-
USART2_
RX
-
CAN2_R
XFD
QUADSPI_B
K2_IO2
-
FMC_NWAIT
SAI_SD_A
-
EVENT
OUT
PD7
-
-
TIM2_CH3
-
-
-
-
USART2_
CK
--
QUADSPI_B
K2_IO3
-
FMC_NCE/FM
C_NE1
--
EVENT
OUT
PD8
-
-
-
-
-
-
-
USART3_TX
-
-
-
-
FMC_D13
-
-
EVENT
OUT
PD9
-
-
-
-
-
-
-
USART3_
RX
-
CAN2_R
XFD
-
-
FMC_D14
-
-
EVENT
OUT
PD10
-
-
-
-
-
-
-
USART3_
CK
-
CAN2_T
XFD
-
-
FMC_D15
-
-
EVENT
OUT
PD11
-
TIM5_ETR
-
-
I2C4_
SMBA
--
USART3_
CTS
-
---
FMC_A16
-
-
EVENT
OUT
PD12
-
-
TIM4_CH1
-
-
-
-
USART3_
RTS_DE
-
---
FMC_A17
-
-
EVENT
OUT
PD13
-
-
TIM4_CH2
-
-
-
-
-
-
-
-
-
FMC_A18
-
-
EVENT
OUT
PD14
-
-
TIM4_CH3
-
-
-
-
-
-
-
-
-
FMC_D0
-
-
EVENT
OUT
PD15
-
-
TIM4_CH4
-
-
-
SPI2_NSS
-
-
-
-
-
FMC_D1
-
-
EVENT
OUT
Table 13. Alternate function (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS_AF
LPTIM1/
TIM2/5/
15/16/17
I2C3/
TIM1/2/3/4/5/8/1
5/20/
GPCOMP1
QUADSPI/
I2C3/4/SAI/
USB/
TIM8/15/20/GPC
OMP3/
TSC
I2C1/2/3/
4/
TIM1/8/1
6/17
QUADSPI/SP
I1/2/3/4/I2S2/
3/
I2C4/
UART4/5/TIM
8/
Infrared
QUADSPI/S
PI2/3/
I2S2/3/
TIM1/5/8/20
/
Infrared
USART1/2/3
/CAN/
GPCOMP5/6
/7
I2C3/4/
UART4/5/L
PUART1/G
PCOMP1/2/
3/4/5/6/7
CAN/
TIM1/8/1
5/CAN1/2
QUADSPI/TI
M2/3/4/8/17
LPTIM1/
TIM1/8/C
AN1/3
SDIO/FMC/
LPUART1/
SAI
TIM1
SAI/OPAMP2
UART4/5/
SAI/
TIM2/15/
UCPD
EVENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com