Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G47CEU6XXX Datasheet(PDF) 88 Page - STMicroelectronics

Part # STM32G47CEU6XXX
Description  Arm® Cortex®-M4 32-bit MCUFPU, up to 512 KB Flash, 170 MHz / 213DMIPS, 128 KB SRAM, rich analog, math accelerator
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G47CEU6XXX Datasheet(HTML) 88 Page - STMicroelectronics

Back Button STM32G47CEU6XXX Datasheet HTML 84Page - STMicroelectronics STM32G47CEU6XXX Datasheet HTML 85Page - STMicroelectronics STM32G47CEU6XXX Datasheet HTML 86Page - STMicroelectronics STM32G47CEU6XXX Datasheet HTML 87Page - STMicroelectronics STM32G47CEU6XXX Datasheet HTML 88Page - STMicroelectronics STM32G47CEU6XXX Datasheet HTML 89Page - STMicroelectronics STM32G47CEU6XXX Datasheet HTML 90Page - STMicroelectronics STM32G47CEU6XXX Datasheet HTML 91Page - STMicroelectronics STM32G47CEU6XXX Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 229 page
background image
IDD (LPRun)
Supply current
in Low-power
run mode
SYSCLK source is HSE
in bypass mode
all peripherals disable
2 MHz
455
725
1350
2250
3800
1200 3200 8100 14000 22000
µA
1 MHz
280
545
1200
2100
3600
1100 3000 7900 14000 22000
250 KHz
160
435
1100
2000
3500
840
2800 7700 14000 22000
62.5 KHz
130
405
1050
1950
3500
810
2700 7600 14000 22000
SYSCLK source is HSI16
all peripherals disable
2 MHz
920
1200 1850
2750
4250
1900 3800 8700 15000 22000
1 MHz
780
1100 1700
2650
4150
1700 3700 8600 14000 22000
250 KHz
725
980
1600
2500
4050
1600 3600 8400 14000 22000
62.5 KHz
720
955
1600
2500
4000
1500 3500 8400 14000 22000
Table 21. Current consumption in Run and Low-power run modes, code with data
processing running from Flash in single Bank, ART enable (Cache ON Prefetch OFF) (continued)
Symbol
Parameter
Condition
fHCLK
Typ
Max
Unit
-
Voltage
scaling
25°C
55°C 85°C 105°C 125°C 25°C 55°C 85°C 105°C 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com