| Electronic Components Datasheet Search |
|
STM32MP157AAD1T Datasheet(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32MP157AAD1T Datasheet(HTML) 64 Page - STMicroelectronics |
|
64 / 259 page ![]() Pinouts, pin description and alternate functions STM32MP157A/D 64/259 DS12504 Rev 5 Table 7. STM32MP157A/D pin and ball definitions Pin Number Pin name (function after reset) Pin functions Alternate functions Additional functions - - A2 A2 PH5 I/O FT_f - I2C2_SDA, SPI5_NSS, SAI4_SD_B, EVENTOUT - - - C2 B1 PH10 I/O FT - TIM5_CH1, I2C4_SMBA, I2C1_SMBA, DCMI_D1, LCD_R4, EVENTOUT - - - B2 F5 PH12 I/O FT_f - HDP2, TIM5_CH3, I2C4_SDA, I2C1_SDA, DCMI_D3, LCD_R6, EVENTOUT - - - D1 D3 PH13 I/O FT - TIM8_CH1N, UART4_TX, FDCAN1_TX, LCD_G2, EVENTOUT - 1E2 K6 1F3 M9 VDD S - - - - A1 A1 A1 A1 VSS S - - - - - - C3 C2 PH14 I/O FT - TIM8_CH2N, UART4_RX, FDCAN1_RX, DCMI_D4, LCD_G3, EVENTOUT - - - B1 C1 PH15 I/O FT - TIM8_CH3N, DCMI_D11, LCD_G4, EVENTOUT - - - - H6 PJ8 I/O FT_h - TRACED14, TIM1_CH3N, TIM8_CH1, UART8_TX, LCD_G1, EVENTOUT - - - - D2 PI14 I/O FT_h - TRACECLK, LCD_CLK, EVENTOUT - - - - F3 PI15 I/O FT - LCD_G2, LCD_R0, EVENTOUT - - - C1 D1 PI0 I/O FT - TIM5_CH4, SPI2_NSS/I2S2_WS, DCMI_D13, LCD_G5, EVENTOUT - - - E3 E2 PI1 I/O FT_h - TIM8_BKIN2, SPI2_SCK/I2S2_CK, DCMI_D8, LCD_G6, EVENTOUT - - - E2 E1 PI2 I/O FT_h - TIM8_CH4, SPI2_MISO/I2S2_SDI, DCMI_D9, LCD_G7, EVENTOUT - 1B3 E7 1A2 H9 VDDCORE S - - - - - - E1 E3 PI3 I/O FT_h - TIM8_ETR, SPI2_MOSI/I2S2_SDO, DCMI_D10, EVENTOUT - - - E4 J6 PI4 I/O FT - TIM8_BKIN, SAI2_MCLK_A, DCMI_D5, LCD_B4, EVENTOUT - - - F3 F2 PI5 I/O FT - TIM8_CH1, SAI2_SCK_A, DCMI_VSYNC, LCD_B5, EVENTOUT - - - F4 G5 PI6 I/O FT - TIM8_CH2, SAI2_SD_A, DCMI_D6, LCD_B6, EVENTOUT - |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |