| Electronic Components Datasheet Search |
|
STM32MP157AAD1T Datasheet(PDF) 81 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32MP157AAD1T Datasheet(HTML) 81 Page - STMicroelectronics |
|
81 / 259 page ![]() DS12504 Rev 5 81/259 STM32MP157A/D Pinouts, pin description and alternate functions 121 1A6 J14 1C3 L20 VSS S - - - - P17 P19 T20 R19 DDR_CKE O DDR - - - P18 N17 U20 R18 DDR_BA1 O DDR - - - - J15 - L16 VDDQ_DDR S - - - - N18 N18 R21 P18 DDR_A14 O DDR - - - - K2 - M7 VSS S - - - - N19 M18 R20 P19 DDR_A11 O DDR - - - - K5 1C5 M10 VSS S - - - - 1D6 K7 - M12 VSS S - - - - M17 M19 R22 N18 DDR_A10 O DDR - - - - J9 1D5 L12 VDDCORE S - - - - - - 1D9 - VDDQ_DDR S - - - - M18 L17 P23 N19 DDR_A12 O DDR - - - M19 M17 P22 M18 DDR_A1 O DDR - - - - K9 1C7 M14 VSS S - - - - J19 K17 N20 M22 DDR_CASN O DDR - - - 1F6 K11 - N9 VSS S - - - - J18 J17 M20 M21 DDR_WEN O DDR - - - - K14 - M17 VDDQ_DDR S - - - - 1E9 L18 N21 M20 DDR_RASN O DDR - - - L17 L19 N22 N20 DDR_CLKP O DDR - - - - K13 1C9 - VSS S - - - - K18 K19 N23 N21 DDR_CLKN O DDR - - - 1F9 - 1E8 N16 VDDQ_DDR S - - - - 1D8 K18 K20 L22 DDR_DTO0 O DDR - - - 1C8 J19 L21 K21 DDR_DTO1 O DDR - - - L18 L16 P20 M19 DDR_A15 O DDR - - - 1H6 - 1D2 N11 VSS S - - - - 1E6 - - - VDDCORE S - - - - - K15 - N13 VSS S - - - - J17 J18 M22 L18 DDR_CSN O DDR - - - H18 H19 L22 L21 DDR_ODT O DDR - - - Table 7. STM32MP157A/D pin and ball definitions (continued) Pin Number Pin name (function after reset) Pin functions Alternate functions Additional functions |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |