Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD17P136ACT Datasheet(PDF) 157 Page - NEC

Part # UPD17P136ACT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P136ACT Datasheet(HTML) 157 Page - NEC

Back Button UPD17P136ACT Datasheet HTML 153Page - NEC UPD17P136ACT Datasheet HTML 154Page - NEC UPD17P136ACT Datasheet HTML 155Page - NEC UPD17P136ACT Datasheet HTML 156Page - NEC UPD17P136ACT Datasheet HTML 157Page - NEC UPD17P136ACT Datasheet HTML 158Page - NEC UPD17P136ACT Datasheet HTML 159Page - NEC UPD17P136ACT Datasheet HTML 160Page - NEC UPD17P136ACT Datasheet HTML 161Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 292 page
background image
CHAPTER 13 PERIPHERAL HARDWARE
138
Table 13-1. Data Conversion Time for the A/D Converter
Note Includes GET instruction to read data from ADCR.
(2) Single Mode
(a) Overview of single mode
In the single mode, data in the 8-bit data register (ADCR) is compared with voltage subjected to D/A
conversion and with an analog input signal from a pin.
The comparison result appears in the ADCCMP flag.
(b) Explanation of single mode operation
If ADCSOFT is 1, the A/D converter function enters the single mode.
Before single mode operation starts, port input is disabled for the pin to be used for analog input by setting
P0CnIDI to 1. (This is done for the same reason as in the successive mode.)
To start single mode operation, execute a write instruction (PUT ADCR, DBF) for the 8-bit data register
(ADCR) when ADCSOFT is 1.
The comparison result in single mode appears in ADCCMP at the execution of the third instruction after
a PUT instruction is executed to write to the 8-bit data register (ADCR). At this time, the ADCEND flag
becomes undefined.
Bits for which A/D conversion is
completed (valid bits when ADCR is read)
Most significant bit
High-order 2 bits
High-order 3 bits
High-order 4 bits
High-order 5 bits
High-order 6 bits
High-order 7 bits
All 8 bits
Number of instructions
executed after
ADCSTRT is set to 1Note
4 instructions
7 instructions
10 instructions
13 instructions
16 instructions
19 instructions
22 instructions
25 instructions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com