Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD17P136ACT Datasheet(PDF) 80 Page - NEC

Part # UPD17P136ACT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P136ACT Datasheet(HTML) 80 Page - NEC

Back Button UPD17P136ACT Datasheet HTML 76Page - NEC UPD17P136ACT Datasheet HTML 77Page - NEC UPD17P136ACT Datasheet HTML 78Page - NEC UPD17P136ACT Datasheet HTML 79Page - NEC UPD17P136ACT Datasheet HTML 80Page - NEC UPD17P136ACT Datasheet HTML 81Page - NEC UPD17P136ACT Datasheet HTML 82Page - NEC UPD17P136ACT Datasheet HTML 83Page - NEC UPD17P136ACT Datasheet HTML 84Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 292 page
background image
CHAPTER 7 SYSTEM REGISTER (SYSREG)
61
7.7.3 Index Enable Flag (IXE)
The IXE flag is used to specify index modification on the data memory address when a data memory manipulation
instruction is executed.
When the IXE flag is set to 1, an OR operation is performed on the data memory address and the index register
(IX), and executes an instruction to the data memory with the result of the OR operation as the real address.
For a more detailed explanation, see 7.5 INDEX REGISTER (IX) AND DATA MEMORY ROW ADDRESS POINTER
(MEMORY POINTER: MP).
7.7.4 Zero Flag (Z) and Compare Flag (CMP)
The Z flag indicates that the result of an arithmetic operation is 0. The CMP flag is used to specify that the result
of an arithmetic operation not be stored in data memory or the general register.
Table 7-3 shows how the CMP flag affects the setting and resetting of the Z flag.
Table 7-3. Zero Flag (Z) and Compare Flag (CMP)
Conditions
When CMP flag
When CMP flag is 1
When the result of an arithmetic operation is a value 0
Z
← 1
Z flag remains unchanged
When the result of an arithmetic operation is other than 0
Z
← 0Z ← 0
The Z flag and the CMP flag are used for comparing values in the general register and data memory. The Z flag
is only affected by arithmetic operations. The CMP flag is only affected by bit evaluation.
Example of comparing 12-bit data
; Are 12-bit data stored in M001, M002, and M003 equal to 456H?
CMP456:
SET2
CMP, Z
SUB
M001, #4
; Data stored to M001, M002, and M003 are not lost
SUB
M002, #5
SUB
M003, #6
; CLR1
CMP
; CMP is automatically cleared by bit judgement instruction
SKT1
Z
BR
DIFFER
;
≠ 456 H
BR
AGREE
; = 456 H
7.7.5 Carry Flag (CY)
The CY flag shows that there is a carry in the result of an addition operation or a borrow in the result of a subtraction
operation.
The CY flag is set (CY = 1) when there is a carry or borrow in the result and reset (CY = 0) when there is no carry
or borrow in the result.
When the RORC r instruction (contents in the general register specified to by r is shifted right one bit) is executed,
the following occurs: the value in the CY flag just before execution of the instruction is shifted to the most significant
bit of the general register and the least significant bit is shifted to the CY flag.
The CY flag is also useful for when the user wants to skip the next instruction when there is a carry or borrow in
the result of an operation.
The CY flag is only affected by arithmetic operations and rotations and not affected by the CMP flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com