Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD17P136ACT Datasheet(PDF) 138 Page - NEC

Part # UPD17P136ACT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P136ACT Datasheet(HTML) 138 Page - NEC

Back Button UPD17P136ACT Datasheet HTML 134Page - NEC UPD17P136ACT Datasheet HTML 135Page - NEC UPD17P136ACT Datasheet HTML 136Page - NEC UPD17P136ACT Datasheet HTML 137Page - NEC UPD17P136ACT Datasheet HTML 138Page - NEC UPD17P136ACT Datasheet HTML 139Page - NEC UPD17P136ACT Datasheet HTML 140Page - NEC UPD17P136ACT Datasheet HTML 141Page - NEC UPD17P136ACT Datasheet HTML 142Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 292 page
background image
CHAPTER 13 PERIPHERAL HARDWARE
119
13.1.7 Error of Interval Time
The interval time may include an error of up to –1.5 count, especially if the value set value of the modulo register
is low.
(1) Error when count register is cleared to 0 during counting (maximum error: –1 count)
The count register of the 8-bit timer/counter is cleared to 0 when the TMnRES flag is set to 1. However, the
divider circuit that generates a count pulse from the system clock is not reset.
Therefore, an error of 1 cycle of the count pulse may be generated at the first count if the TMnRES flag is set
to 1 and the count value is cleared to 0 during counting. An example of counting where 2 is set to the modulo
register is shown below.
Figure 13-6. Error When Count Register Is Cleared to 0 During Counting
In this example, the coincidence signal must be output each time the count value has reached 3. However,
the coincidence signal is output when the count value reaches 2 for the first time after the count has been
cleared.
The above error also occurs when TMnRES
← 1 at the same time as TMnEN = 1 ← 0.
12
0
1
2
Count register
Count pulse
Output of coincidence signal
Count cleared (TMnRES
← 0)
2 to 3 counts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com