Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L552VCI6PXXX Datasheet(PDF) 15 Page - STMicroelectronics

Part # STM32L552VCI6PXXX
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCI6PXXX Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STM32L552VCI6PXXX Datasheet HTML 11Page - STMicroelectronics STM32L552VCI6PXXX Datasheet HTML 12Page - STMicroelectronics STM32L552VCI6PXXX Datasheet HTML 13Page - STMicroelectronics STM32L552VCI6PXXX Datasheet HTML 14Page - STMicroelectronics STM32L552VCI6PXXX Datasheet HTML 15Page - STMicroelectronics STM32L552VCI6PXXX Datasheet HTML 16Page - STMicroelectronics STM32L552VCI6PXXX Datasheet HTML 17Page - STMicroelectronics STM32L552VCI6PXXX Datasheet HTML 18Page - STMicroelectronics STM32L552VCI6PXXX Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 340 page
background image
DS12737 Rev 6
15/340
STM32L552xx
Description
78
2
Description
The STM32L552xx devices are an ultra-low-power microcontrollers family (STM32L5
Series) based on the high-performance Arm® Cortex®-M33 32-bit RISC core. They operate
at a frequency of up to 110 MHz.
The Cortex®-M33 core features a single-precision floating-point unit (FPU), which supports
all the Arm® single-precision data-processing instructions and all the data types. The
Cortex®-M33 core also implements a full set of DSP (digital signal processing) instructions
and a memory protection unit (MPU) which enhances the application’s security.
These devices embed high-speed memories (512 Kbytes of Flash memory and 256 Kbytes
of SRAM), a flexible external memory controller (FSMC) for static memories (for devices
with packages of 100 pins and more), an Octo-SPI Flash memories interface (available on
all packages) and an extensive range of enhanced I/Os and peripherals connected to two
APB buses, two AHB buses and a 32-bit multi-AHB bus matrix.
The STM32L5 Series devices offer security foundation compliant with the trusted based
security architecture (TBSA) requirements from Arm. They embed the necessary security
features to implement a secure boot, secure data storage, secure firmware installation and
secure firmware upgrade. Flexible life cycle is managed thanks to multiple levels of readout
protection. Firmware hardware isolation is supported thanks to securable peripherals,
memories and I/Os, and also to the possibility to configure the peripherals and memories as
“privilege”.
The STM32L552xx devices embed several protection mechanisms for embedded Flash
memory and SRAM: readout protection, write protection, secure and hidden protection
areas.
The STM32L552xx devices embed peripherals reinforcing security:
- One HASH hardware accelerator
- One true random number generator
The STM32L5 Series devices offer active tamper detection and protection against transient
and environmental perturbation attacks thanks to several internal monitoring which generate
secret data erase in case of attack. This helps to fit the PCI requirements for point of sales
applications. These devices offer two fast 12-bit ADC (5 Msps), two comparators, two
operational amplifiers, two DAC channels, an internal voltage reference buffer, a low-power
RTC, two general-purpose 32-bit timer, two 16-bit PWM timers dedicated to motor control,
seven general-purpose 16-bit timers, and two 16-bit low-power timers. The devices support
four digital filters for external sigma delta modulators (DFSDM). In addition, up to 22
capacitive sensing channels are available.
STM32L5 Series also feature standard and advanced communication interfaces such as:
- Four I2Cs
- Three SPIs
- Three USARTs, two UARTs and one low-power UART
- Two SAIs
- One SDMMC
- One FDCAN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com