Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L552VCI6PXXX Datasheet(PDF) 25 Page - STMicroelectronics

Part # STM32L552VCI6PXXX
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCI6PXXX Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STM32L552VCI6PXXX Datasheet HTML 21Page - STMicroelectronics STM32L552VCI6PXXX Datasheet HTML 22Page - STMicroelectronics STM32L552VCI6PXXX Datasheet HTML 23Page - STMicroelectronics STM32L552VCI6PXXX Datasheet HTML 24Page - STMicroelectronics STM32L552VCI6PXXX Datasheet HTML 25Page - STMicroelectronics STM32L552VCI6PXXX Datasheet HTML 26Page - STMicroelectronics STM32L552VCI6PXXX Datasheet HTML 27Page - STMicroelectronics STM32L552VCI6PXXX Datasheet HTML 28Page - STMicroelectronics STM32L552VCI6PXXX Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 340 page
background image
DS12737 Rev 6
25/340
STM32L552xx
Functional overview
78
The boot address option bytes enables the possibility to program any boot memory address.
However, the allowed address space depends on Flash read protection RDP level.
If the programmed boot memory address is out of the allowed memory mapped area when
RDP level is 0.5 or more, the default boot fetch address is forced to:
•
0x0800 0000 (when TZEN = 0)
•
RSS (when TZEN = 1)
Refer to Table 5.
Table 4. Boot modes when TrustZone is enabled (TZEN=1)
BOOT_
LOCK
nBOOT0
FLASH_
OPTR[27]
BOOT0
pin
PH3
nSWBOOT0
FLASH_
OPTR[26]
RSS
command
Boot address
option-bytes
selection
Boot area
ST
programmed
default value
0
-0
1
0
SECBOOTAD
D0[24:0]
Secure boot address
defined by user option
bytes
SECBOOTADD0[24:0]
Flash:
0x0C00 0000
-
1
1
0
N/A
RSS: 0x0FF8 0000
RSS:
0x0FF8 0000
1-
0
0
SECBOOTAD
D0[24:0]
Secure boot address
defined by user option
bytes
SECBOOTADD0[24:0]
Flash:
0x0C00 0000
0-
0
0
N/A
RSS: RSS:
0x0FF8 0000
RSS:
0x0FF8 0000
--
-
≠
0N/A
RSS: RSS:
0x0FF8 0000
RSS:
0x0FF8 0000
1-
-
-
-
SECBOOTAD
D0[24:0]
Secure boot address
defined by user option
bytes
SECBOOTADD0[24:0]
Flash:
0x0C00 0000
Table 5. Boot space versus RDP protection
RDP
TZEN = 1
TZEN = 0
0
Any boot address
Any boot address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com