Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320VC5409APGE12 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5409APGE12
Description  Fixed-PointDigital Signal Processor
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5409APGE12 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMS320VC5409APGE12 Datasheet HTML 45Page - Texas Instruments TMS320VC5409APGE12 Datasheet HTML 46Page - Texas Instruments TMS320VC5409APGE12 Datasheet HTML 47Page - Texas Instruments TMS320VC5409APGE12 Datasheet HTML 48Page - Texas Instruments TMS320VC5409APGE12 Datasheet HTML 49Page - Texas Instruments TMS320VC5409APGE12 Datasheet HTML 50Page - Texas Instruments TMS320VC5409APGE12 Datasheet HTML 51Page - Texas Instruments TMS320VC5409APGE12 Datasheet HTML 52Page - Texas Instruments TMS320VC5409APGE12 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 98 page
background image
www.ti.com
TMS320VC5409A
Fixed-PointDigital Signal Processor
SPRS140F – NOVEMBER 2000 – REVISED JANUARY 2005
Table 3-20. DMA Subbank Addressed Registers (continued)
SUB-
NAME
ADDRESS
DESCRIPTION
ADDRESS
DMDSTP
56h/57h
1Fh
DMA destination program page address (common channel)
DMIDX0
56h/57h
20h
DMA element index address register 0
DMIDX1
56h/57h
21h
DMA element index address register 1
DMFRI0
56h/57h
22h
DMA frame index register 0
DMFRI1
56h/57h
23h
DMA frame index register 1
DMGSA0
56h/57h
24h
DMA global source address reload register, channel 0
DMGDA0
56h/57h
25h
DMA global destination address reload register, channel 0
DMGCR0
56h/57h
26h
DMA global count reload register, channel 0
DMGFR0
56h/57h
27h
DMA global frame count reload register, channel 0
-
56h/57h
28h
Reserved
-
56h/57h
29h
Reserved
DMGSA1
56h/57h
2Ah
DMA global source address reload register, channel 1
DMGDA1
56h/57h
2Bh
DMA global destination address reload register, channel 1
DMGCR1
56h/57h
2Ch
DMA global count reload register, channel 1
DMGFR1
56h/57h
2Dh
DMA global frame count reload register, channel 1
DMGSA2
56h/57h
2Eh
DMA global source address reload register, channel 2
DMGDA2
56h/57h
2Fh
DMA global destination address reload register, channel 2
DMGCR2
56h/57h
30h
DMA global count reload register, channel 2
DMGFR2
56h/57h
31h
DMA global frame count reload register, channel 2
DMGSA3
56h/57h
32h
DMA global source address reload register, channel 3
DMGDA3
56h/57h
33h
DMA global destination address reload register, channel 3
DMGCR3
56h/57h
34h
DMA global count reload register, channel 3
DMGFR3
56h/57h
35h
DMA global frame count reload register, channel 3
DMGSA4
56h/57h
36h
DMA global source address reload register, channel 4
DMGDA4
56h/57h
37h
DMA global destination address reload register, channel 4
DMGCR4
56h/57h
38h
DMA global count reload register, channel 4
DMGFR4
56h/57h
39h
DMA global frame count reload register, channel 4
DMGSA5
56h/57h
3Ah
DMA global source address reload register, channel 5
DMGDA5
56h/57h
3Bh
DMA global destination address reload register, channel 5
DMGCR5
56h/57h
3Ch
DMA global count reload register, channel 5
DMGFR5
56h/57h
3Dh
DMA global frame count reload register, channel 5
DMCECTL
56h/57h
3Eh
DMA channel enable control register
Functional Overview
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com