Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320VC5409APGE12 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5409APGE12
Description  Fixed-PointDigital Signal Processor
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5409APGE12 Datasheet(HTML) 2 Page - Texas Instruments

  TMS320VC5409APGE12 Datasheet HTML 1Page - Texas Instruments TMS320VC5409APGE12 Datasheet HTML 2Page - Texas Instruments TMS320VC5409APGE12 Datasheet HTML 3Page - Texas Instruments TMS320VC5409APGE12 Datasheet HTML 4Page - Texas Instruments TMS320VC5409APGE12 Datasheet HTML 5Page - Texas Instruments TMS320VC5409APGE12 Datasheet HTML 6Page - Texas Instruments TMS320VC5409APGE12 Datasheet HTML 7Page - Texas Instruments TMS320VC5409APGE12 Datasheet HTML 8Page - Texas Instruments TMS320VC5409APGE12 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 98 page
background image
Revision History
TMS320VC5409A
Fixed-PointDigital Signal Processor
SPRS140F – NOVEMBER 2000 – REVISED JANUARY 2005
This data sheet revision history highlights the technical changes made to the SPRS140E device-specific
data sheet to make it an SPRS140F revision.
Scope: This document has been reviewed for technical accuracy; the technical content is up-to-date as of
the specified release date with the following corrections.
SECTION
ADDITIONS/CHANGES/DELETIONS
Table 2-2
Added Note 6.
Section 5.2
Changed IOH from -2 to -8 mA and IOL from 2 to 8 mA. Changed Note 2 to read "These output current limits
are used for the test conditions on VOL and VOH, except where noted otherwise."
Section 5.3
Changed test conditions for VOH from "DVDD = 2.7 V to 3.0 V, IOH = MAX" to "DVDD = 2.7 V to 3.0 V,
IOH = – 2 mA".
Table 5-1
In Note 1, changed symbol for Infinity from "
ω" to "∞".
Figure 5-29
Updated figure to reduce confusion caused by unnecessary information.
Section 6.1
Moved the Package Thermal Resistance Characteristics to this section.
Global
A font substitution caused some symbols to display incorrectly in the E revisions of this document. This error
has been corrected and validated in the F revision including the Electrical Specifications.
Revision History
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com