Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L552VCI3PXXX Datasheet(PDF) 142 Page - STMicroelectronics

Part # STM32L552VCI3PXXX
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCI3PXXX Datasheet(HTML) 142 Page - STMicroelectronics

Back Button STM32L552VCI3PXXX Datasheet HTML 138Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 139Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 140Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 141Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 142Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 143Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 144Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 145Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 340 page
background image
Electrical characteristics
STM32L552xx
142/340
DS12737 Rev 6
5.1.7
Current consumption measurement
The IDD_ALL parameters given in Table 33 to Table 96 represent the total MCU consumption
including the current supplying VDD, VDDIO2, VDDA, VDDUSB, VBAT and VDDSMPS if the
device embeds the SMPS.
Figure 30. Current consumption measurement
5.2
Absolute maximum ratings
Stresses above the absolute maximum ratings listed in Table 24: Voltage characteristics,
Table 25: Current characteristics and Table 26: Thermal characteristics may cause
permanent damage to the device. These are stress ratings only and functional operation of
the device at these conditions is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability. Device mission profile (application conditions)
is compliant with JEDEC JESD47 qualification standard, extended mission profiles are
available on demand.
MSv62920V1
IDD_VBAT
IDD
VBAT
VDD
VDDA
VDDUSB
VDDSMPS
VDDIO2
Table 24. Voltage characteristics(1)
Symbol
Ratings
Min
Max
Unit
VDDX - VSS
External main supply voltage (including VDD,
VDDA, VDDIO2, VDDUSB, VBAT, VDDSMPS,
VREF+)
-0.3
4.0
V
VDD12 - VSS External SMPS supply voltage
All ranges
0/1/2
-0.3
1.4
-0.3
VIN(2)
Input voltage on FT_xxx pins except FT_c
pins
VSS-0.3
min (VDD, VDDA,
VDDIO2, VDDUSB,
VDDSMPS)
+ 4.0(3)(4)
Input voltage on FT_c pins
VSS-0.3
5.5
Input voltage on any other pins
VSS-0.3
4.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com