Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L552VCI3PXXX Datasheet(PDF) 145 Page - STMicroelectronics

Part # STM32L552VCI3PXXX
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCI3PXXX Datasheet(HTML) 145 Page - STMicroelectronics

Back Button STM32L552VCI3PXXX Datasheet HTML 141Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 142Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 143Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 144Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 145Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 146Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 147Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 148Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 149Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 340 page
background image
DS12737 Rev 6
145/340
STM32L552xx
Electrical characteristics
307
VBAT
Backup operating voltage
-
1.55
3.6
V
VDDUSB
USB supply voltage
USB used
3.0
3.6
V
USB not used
0
3.6
VIN
I/O input voltage
TT_xx I/O
-0.3
VDDIOx+0.3
V
FT_c I/O
-0.3
5
All I/O except FT_c and
TT_xx
-0.3
MIN(MIN(VDD,
VDDA, VDDIO2,
VDDUSB)
+3.6 V,
5.5 V)(3)(4)
PD
Power dissipation at
TA = 85 °C for suffix 6(5)
LQFP48
See Section 6.8:
Thermal
characteristics for
application appropriate
thermal resistance and
package. Power
dissipation is then
calculated according
ambient temperature
(TA) and maximum
junction temperature
(TJ) and selected
thermal resistance.
mW
UFQFPN48
LQFP64
WLCSP81
LQFP100
UFBGA132
LQFP144
PD
Power dissipation at
TA = 125 °C for suffix 3(5)
LQFP48
See Section 6.8:
Thermal
characteristics for
application appropriate
thermal resistance and
package. Power
dissipation is then
calculated according
ambient temperature
(TA) and maximum
junction temperature
(TJ) and selected
thermal resistance.
mW
UFQFPN48
LQFP64
WLCSP81
LQFP100
UFBGA132
LQFP144
Table 27. General operating conditions (continued)
Symbol
Parameter
Conditions
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com