Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320VC5409APGE16 Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5409APGE16
Description  Fixed-PointDigital Signal Processor
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5409APGE16 Datasheet(HTML) 59 Page - Texas Instruments

Back Button TMS320VC5409APGE16 Datasheet HTML 55Page - Texas Instruments TMS320VC5409APGE16 Datasheet HTML 56Page - Texas Instruments TMS320VC5409APGE16 Datasheet HTML 57Page - Texas Instruments TMS320VC5409APGE16 Datasheet HTML 58Page - Texas Instruments TMS320VC5409APGE16 Datasheet HTML 59Page - Texas Instruments TMS320VC5409APGE16 Datasheet HTML 60Page - Texas Instruments TMS320VC5409APGE16 Datasheet HTML 61Page - Texas Instruments TMS320VC5409APGE16 Datasheet HTML 62Page - Texas Instruments TMS320VC5409APGE16 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 98 page
background image
www.ti.com
5.7.2
Multiply-By-N Clock Option (PLL Enabled)
TMS320VC5409A
Fixed-PointDigital Signal Processor
SPRS140F – NOVEMBER 2000 – REVISED JANUARY 2005
The frequency of the reference clock provided at the X2/CLKIN pin can be multiplied by a factor of N to
generate the internal machine cycle. The selection of the clock mode and the value of N is described in
Section Section 3.10. Following reset, the software PLL can be programmed for the desired multiplication
factor. Refer to the TMS320C54x DSP Reference Set, Volume 1: CPU and Peripherals (literature number
SPRU131) for detailed information on programming the PLL.
When an external clock source is used, the external frequency injected must conform to specifications
listed in Table 5-5.
Table 5-5 and Table 5-6 assume testing over recommended operating conditions and H = 0.5tc(CO) (see
Figure 5-4).
Table 5-5. Multiply-By-N Clock Option Timing Requirements
5409A-120
5409A-160
UNIT
MIN
MAX
Integer PLL multiplier N (N =
20
200
1–15)(1)
tc(CI)
Cycle time, X2/CLKIN
ns
PLL multiplier N = x.5(1)
20
100
PLL multiplier N = x.25, x.75(1)
20
50
tf(CI)
Fall time, X2/CLKIN
4
ns
tr(CI)
Rise time, X2/CLKIN
4
ns
tw(CIL)
Pulse duration, X2/CLKIN low
4
ns
tw(CIH)
Pulse duration, X2/CLKIN high
4
ns
(1)
N is the multiplication factor.
Table 5-6. Multiply-By-N Clock Option Switching Characteristics
5409A-120
5409A-160
PARAMETER
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
tc(CO)
Cycle time, CLKOUT
8.33
6.25
ns
td(CI-CO)
Delay time, X2/CLKIN high/low to CLKOUT high/low
4
7
11
4
7
11
ns
tf(CO)
Fall time, CLKOUT
2
2
ns
tr(CO)
Rise time, CLKOUT
2
2
ns
tw(COL)
Pulse duration, CLKOUT low
H
H
ns
tw(COH)
Pulse duration, CLKOUT high
H
H
ns
tp
Transitory phase, PLL lock-up time
30
30
ms
59
Electrical Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com