Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320VC5409APGE16 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5409APGE16
Description  Fixed-PointDigital Signal Processor
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5409APGE16 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS320VC5409APGE16 Datasheet HTML 9Page - Texas Instruments TMS320VC5409APGE16 Datasheet HTML 10Page - Texas Instruments TMS320VC5409APGE16 Datasheet HTML 11Page - Texas Instruments TMS320VC5409APGE16 Datasheet HTML 12Page - Texas Instruments TMS320VC5409APGE16 Datasheet HTML 13Page - Texas Instruments TMS320VC5409APGE16 Datasheet HTML 14Page - Texas Instruments TMS320VC5409APGE16 Datasheet HTML 15Page - Texas Instruments TMS320VC5409APGE16 Datasheet HTML 16Page - Texas Instruments TMS320VC5409APGE16 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 98 page
background image
www.ti.com
2.3
Signal Descriptions
TMS320VC5409A
Fixed-PointDigital Signal Processor
SPRS140F – NOVEMBER 2000 – REVISED JANUARY 2005
Table 2-2 lists each signal, function, and operating mode(s) grouped by function. See Section Section 2.2
for exact pin locations based on package type.
Table 2-2. Signal Descriptions
TERMINAL
I/O(1)
DESCRIPTION
NAME
DATA SIGNALS
A22 (MSB)
A21
A20
A19
A18
A17
A16
A15
Parallel address bus A22 [most significant bit (MSB)] through A0 [least significant bit (LSB)]. The sixteen
A14
LSB lines, A0 to A15, are multiplexed to address external memory (program, data) or I/O. The seven MSB
A13
lines, A16 to A22, address external program space memory. A22-A0 is placed in the high-impedance state
A12
in the hold mode. A22-A0 also goes into the high-impedance state when OFF is low.
A11
I/O/Z(2)(3)
A15-A0 are inputs in HPI16 mode. These pins can be used to address internal memory via the host-port
A10
interface (HPI) when the HPI16 pin is high. These pins also have Schmitt trigger inputs.
A9
The address bus has a bus holder feature that eliminates passive components and the power dissipation
A8
associated with them. The bus holder keeps the address bus at the previous logic level when the bus goes
A7
into a high-impedance state.
A6
A5
A4
A3
A2
A1
A0 (LSB)
D15 (MSB)
D14
D13
D12
D11
Parallel data bus D15 (MSB) through D0 (LSB). D15-D0 is multiplexed to transfer data between the core
D10
CPU and external data/program memory or I/O devices or HPI in HPI16 mode (when HPI16 pin is high).
D9
D15-D0 is placed in the high-impedance state when not outputting data or when RS or HOLD is asserted.
D8
D15-D0 also goes into the high-impedance state when OFF is low. These pins also have Schmitt trigger
I/O/Z(2)(3)
D7
inputs. The data bus has a bus holder feature that eliminates passive components and the power
D6
dissipation associated with them. The bus holder keeps the data bus at the previous logic level when the
D5
bus goes into the high-impedance state. The bus holders on the data bus can be enabled/disabled under
D4
software control.
D3
D2
D1
D0 (LSB)
INITIALIZATION, INTERRUPT AND RESET OPERATIONS
Interrupt acknowledge signal. IACK indicates receipt of an interrupt and that the program counter is
IACK
O/Z
fetching the interrupt vector location designated by A15-A0. IACK also goes into the high-impedance state
when OFF is low.
INT0 (2)
External user interrupt inputs. INT0-INT3 are maskable and are prioritized by the interrupt mask register
INT1 (2)
I
(IMR) and the interrupt mode bit. INT0 -INT3 can be polled and reset by way of the interrupt flag register
INT2 (2)
(IFR).
INT3 (2)
Nonmaskable interrupt. NMI is an external interrupt that cannot be masked by way of the INTM or the IMR.
NMI (2)
I
When NMI is activated, the processor traps to the appropriate vector location.
Reset. RS causes the digital signal processor (DSP) to terminate execution and forces the program
RS (2)
I
counter to 0FF80h. When RS is brought to a high level, execution begins at location 0FF80h of program
memory. RS affects various registers and status bits.
(1)
I = Input, O = Output, Z = High-impedance, S = Supply
(2)
These pins have Schmitt trigger inputs.
(3)
This pin has an internal bus holder controlled by way of the BSCR register.
Introduction
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com