Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WB55CCU6TR Datasheet(PDF) 100 Page - STMicroelectronics

Part # STM32WB55CCU6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CCU6TR Datasheet(HTML) 100 Page - STMicroelectronics

Back Button STM32WB55CCU6TR Datasheet HTML 96Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 97Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 98Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 99Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 100Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 101Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 102Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 103Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 193 page
background image
Table 37. Current consumption in Run and Low-power run modes, code with data processing
running from Flash, ART enable (Cache ON Prefetch OFF), VDD = 3.3 V
Symbol
Parameter
Conditions
Typ
Max(1)
1. Guaranteed by characterization results, unless otherwise specified.
Unit
-
Voltage
scaling
fHCLK
25 °C
55 °C 85 °C 105 °C 25 °C 85 °C 105 °C
IDD(Run)
Supply
current in
Run mode
fHCLK = fHSI16 up to
16 MHz included,
fHCLK = fHSE = 32 MHz
fHSI16 + PLL ON
above 32 MHz
All peripherals
disabled
Range 2
16 MHz
1.90
1.90
2.00
2.20
2.40
2.52
2.96
mA
2 MHz
0.960
0.985
1.10
1.25
1.25
1.57
2.05
Range 1
64 MHz
8.15
8.25
8.40
8.60
9.30
9.60
10.02
32 MHz
4.20
4.25
4.40
4.65
4.25
4.63
5.17
16 MHz
2.25
2.30
2.40
2.65
2.65
2.91
3.52
SMPS
Range 1
64 MHz
5.00
5.00
5.10
5.20
-
-
-
32 MHz
3.15
3.15
3.25
3.35
-
-
-
16 MHz
2.30
2.30
2.35
2.45
-
-
-
IDD(LPRun)
Supply
current in
Low-power
run mode
fHCLK = fMSI
All peripherals disabled
2 MHz
0.335
0.360 0.470
0.670
0.480 0.910
1.47
1 MHz
0.170
0.210 0.325
0.520
0.270 0.730
1.31
400 kHz 0.0815 0.120 0.230
0.425
0.140 0.590
1.18
100 kHz 0.0415 0.076 0.190
0.385
0.070 0.550
1.14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com