Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WB55CCU6TR Datasheet(PDF) 18 Page - STMicroelectronics

Part # STM32WB55CCU6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CCU6TR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STM32WB55CCU6TR Datasheet HTML 14Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 15Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 16Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 17Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 18Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 19Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 20Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 21Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 193 page
background image
Functional overview
STM32WB55xx STM32WB35xx
18/193
DS11929 Rev 10
3
Functional overview
3.1
Architecture
The STM32WB55xx and STM32WB35xx multiprotocol wireless devices embed a BLE and
an 802.15.4 RF subsystem that interfaces with a generic microcontroller subsystem using
an Arm® Cortex®-M4 CPU (called CPU1) on which the host application resides.
The RF subsystem is composed of an RF analog front end, BLE and 802.15.4 digital MAC
blocks as well as of a dedicated Arm® Cortex®-M0+ microcontroller (called CPU2), plus
proprietary peripherals. The RF subsystem performs all of the BLE and 802.15.4 low layer
stack, reducing the interaction with the CPU1 to high level exchanges.
Some functions are shared between the RF subsystem CPU (CPU2) and the Host CPU
(CPU1):
Flash memories
SRAM1, SRAM2a and SRAM2b (SRAM2a can be retained in Standby mode)
Security peripherals (RNG, AES1, PKA)
Clock RCC
Power control (PWR)
The communication and the sharing of peripherals between the RF subsystem and the
Cortex®-M4 CPU is performed through a dedicated inter processor communication
controller (IPCC) and semaphore mechanism (HSEM).
3.2
Arm® Cortex®-M4 core with FPU
The Arm® Cortex®-M4 with FPU is a processor for embedded systems. It has been
developed to provide a low-cost platform that meets the needs of MCU implementation, with
a reduced pin count and low-power consumption, while delivering outstanding
computational performance and an advanced response to interrupts.
The Arm® Cortex®-M4 with FPU 32-bit RISC processor features exceptional
code-efficiency, delivering the high-performance expected from an Arm® core in the
memory size usually associated with 8- and 16-bit devices.
The processor supports a set of DSP instructions enabling efficient signal processing and
complex algorithm execution.
Its single precision FPU speeds up software development by using metalanguage
development tools, while avoiding saturation.
With its embedded Arm® core, the STM32WB55xx and STM32WB35xx are compatible with
all Arm® tools and software.
Figure 1 and Figure 2 show the general block diagram of, respectively, the STM32WB55xx
and STM32WB35xx devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com