Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WB55CCU6TR Datasheet(PDF) 115 Page - STMicroelectronics

Part # STM32WB55CCU6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CCU6TR Datasheet(HTML) 115 Page - STMicroelectronics

Back Button STM32WB55CCU6TR Datasheet HTML 111Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 112Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 113Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 114Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 115Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 116Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 117Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 118Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 193 page
background image
DS11929 Rev 10
115/193
STM32WB55xx STM32WB35xx
Electrical characteristics
169
On-chip peripheral current consumption
The current consumption of the on-chip peripherals is given in Table 50. The MCU is placed
under the following conditions:
All I/O pins are in Analog mode
The given value is calculated by measuring the difference of the current consumptions:
–
when the peripheral is clocked on
–
when the peripheral is clocked off
Ambient operating temperature and supply voltage conditions summarized in Table 20:
Voltage characteristics
The power consumption of the digital part of the on-chip peripherals is given in
Table 50. The power consumption of the analog part of the peripherals (where
applicable) is indicated in each related section of the datasheet.
Table 50. Peripheral current consumption
Peripheral
Range 1
Range 2
Low-power
run and sleep
Unit
AHB1
Bus matrix(1)
2.40
2.00
1.80
µA/MHz
TSC
1.25
1.05
1.05
CRC
0.465
0.375
0.380
DMA1
1.90
1.55
1.80
DMA2
2.00
1.65
1.80
DMAMUX
4.15
3.40
4.45
All AHB1 peripherals
12.0
10.0
11.5
AHB2(2)
AES1
4.00
3.30
3.90
ADC1 independent clock domain
2.55
2.10
2.10
ADC1 clock domain
2.25
1.90
1.90
All AHB2 peripherals
7.45
6.20
6.60
AHB3
QSPI
7.60
6.25
7.10
AHB Shared
TRNG independent clock domain
3.80
N/A
N/A
TRNG clock domain
2.00
N/A
N/A
SRAM2
0.170
0.135
0.135
FLASH
8.35
6.90
8.45
AES2
6.95
5.75
7.00
PKA
4.40
3.65
4.25
All AHB shared peripherals
17.5
14.5
16.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com