Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WB55CCU6TR Datasheet(PDF) 120 Page - STMicroelectronics

Part # STM32WB55CCU6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CCU6TR Datasheet(HTML) 120 Page - STMicroelectronics

Back Button STM32WB55CCU6TR Datasheet HTML 116Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 117Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 118Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 119Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 120Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 121Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 122Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 123Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 193 page
background image
Electrical characteristics
STM32WB55xx STM32WB35xx
120/193
DS11929 Rev 10
Note:
For information about oscillator trimming refer to AN5165 “Development of RF hardware
using STM32WB microcontrollers”, available from www.st.com.
Low-speed external user clock generated from an external source
The low-speed external (LSE) clock can be supplied with a 32.768 kHz crystal resonator
oscillator. The information provided in this section is based on design simulation results
obtained with typical external components specified in Table 57. In the application, the
resonator and the load capacitors have to be placed as close as possible to the oscillator
pins to minimize output distortion and startup stabilization time.
Refer to the crystal resonator manufacturer for more details on the resonator characteristics
(frequency, package, accuracy).
Table 56. HSE oscillator characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tSUA(HSE)
Startup time
for 80% amplitude stabilization V
DDRF stabilized, XOTUNE=000000, 
-40 to +125 °C range
-
1000
-
µs
tSUR(HSE)
Startup time
for XOREADY signal
-250
-
IDDRF(HSE) HSE current consumption
HSEGMC=000, XOTUNE=000000
-
50
-
µA
XOTg(HSE) XOTUNE granularity
Capacitor bank
-1
5
ppm
XOTfp(HSE) XOTUNE frequency pulling
±20
±40
-
XOTnb(HSE) XOTUNE number of tuning bits
-
0
-
bit
XOTst(HSE) XOTUNE setting time
-
-
0.1
ms
Table 57. Low-speed external user clock characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IDD(LSE)
LSE current consumption
LSEDRV[1:0] = 00
Low drive capability
-250
-
nA
LSEDRV[1:0] = 01
Medium low drive capability
-315
-
LSEDRV[1:0] = 10
Medium high drive capability
-500
-
LSEDRV[1:0] = 11
High drive capability
-630
-
Gmcritmax Maximum critical crystal gm
LSEDRV[1:0] = 00
Low drive capability
-
-
0.50
µA/V
LSEDRV[1:0] = 01
Medium low drive capability
-
-
0.75
LSEDRV[1:0] = 10
Medium high drive capability
-
-
1.70
LSEDRV[1:0] = 11
High drive capability
-
-
2.70
tSU(LSE)(2) Startup time
VDD stabilized
-
2
-
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com