Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WB55CCU6TR Datasheet(PDF) 129 Page - STMicroelectronics

Part # STM32WB55CCU6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CCU6TR Datasheet(HTML) 129 Page - STMicroelectronics

Back Button STM32WB55CCU6TR Datasheet HTML 125Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 126Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 127Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 128Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 129Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 130Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 131Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 132Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 193 page
background image
DS11929 Rev 10
129/193
STM32WB55xx STM32WB35xx
Electrical characteristics
169
6.3.12
PLL characteristics
The parameters given in Table 64 are derived from tests performed under temperature and
VDD supply voltage conditions summarized in Table 24: General operating conditions.
Table 63. LSI2 oscillator characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max Unit
fLSI2
LSI2 frequency
VDD = 3.0 V, TA = 30 °C
21.6
-
44.2
kHz
VDD = 1.62 to 3.6 V, TA = -40 to 125 °C 21.2
-
44.4
tSU(LSI2)(2) LSI2 oscillator start-up time
-
0.7
-
3.5
ms
IDD(LSI2)(2)
LSI2 oscillator power
consumption
-
-
500 1180
nA
1. Guaranteed by characterization results.
2. Guaranteed by design.
Table 64. PLL, PLLSAI1 characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fPLL_IN
PLL input clock(2)
-2.66
-
16
MHz
PLL input clock duty cycle
-
45
-
55
%
fPLL_P_OUT PLL multiplier output clock P
Voltage scaling Range 1
2
-
64
MHz
Voltage scaling Range 2
2
-
16
fPLL_Q_OUT PLL multiplier output clock Q
Voltage scaling Range 1
8
-
64
Voltage scaling Range 2
8
-
16
fPLL_R_OUT PLL multiplier output clock R
Voltage scaling Range 1
8
-
64
Voltage scaling Range 2
8
-
16
fVCO_OUT PLL VCO output
Voltage scaling Range 1
96
-
344
Voltage scaling Range 2
64
-
128
tLOCK
PLL lock time
-
-
15
40
μs
Jitter
RMS cycle-to-cycle jitter
System clock 64 MHz
-40
-
ps
RMS period jitter
-
30
-
IDD(PLL)
PLL power consumption
on VDD(1)
VCO freq = 96 MHz
-
200
260
μA
VCO freq = 192 MHz
-
300
380
VCO freq = 344 MHz
-
520
650
1. Guaranteed by design.
2. Take care of using the appropriate division factor M to obtain the specified PLL input clock values. The M factor is shared
between the two PLLs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com