Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WB55CCU6TR Datasheet(PDF) 136 Page - STMicroelectronics

Part # STM32WB55CCU6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CCU6TR Datasheet(HTML) 136 Page - STMicroelectronics

Back Button STM32WB55CCU6TR Datasheet HTML 132Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 133Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 134Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 135Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 136Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 137Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 138Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 139Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 193 page
background image
Electrical characteristics
STM32WB55xx STM32WB35xx
136/193
DS11929 Rev 10
Input/output AC characteristics
The definition and values of input/output AC characteristics are given in Table 74.
Unless otherwise specified, the parameters given are derived from tests performed under
the ambient temperature and supply voltage conditions summarized in Table 24: General
operating conditions.
Table 73. Output voltage characteristics(1)
1. The IIO current sourced or sunk by the device must always respect the absolute maximum rating specified
in Table 20: Voltage characteristics, and the sum of the currents sourced or sunk by all the I/Os (I/O ports
and control pins) must always respect the absolute maximum ratings Σ IIO.
Symbol
Parameter
Conditions
Min
Max Unit
VOL(2)
2. Guaranteed by design.
Output low level voltage for an I/O pin
CMOS port(3)
|IIO| = 8 mA
VDD ≥ 2.7 V
3. TTL and CMOS outputs are compatible with JEDEC standards JESD36 and JESD52.
-0.4
V
VOH(2)
Output high level voltage for an I/O pin
VDD - 0.4
-
VOL(2)
Output low level voltage for an I/O pin
TTL port(3)
|IIO| = 8 mA
VDD ≥ 2.7 V
-0.4
VOH(2)
Output high level voltage for an I/O pin
2.4
-
VOL(2)
Output low level voltage for an I/O pin
|IIO| = 20 mA
VDD ≥ 2.7 V
-1.3
VOH(2)
Output high level voltage for an I/O pin
VDD - 1.3
-
VOL(2)
Output low level voltage for an I/O pin
|IIO| = 4 mA
VDD ≥ 1.62 V
-0.4
VOH(2)
Output high level voltage for an I/O pin
VDD - 0.45
-
VOLFM+(2)
Output low level voltage for an FT I/O
pin in FM+ mode (FT I/O with “f” option)
|IIO| = 20 mA
VDD ≥ 2.7 V
-0.4
|IIO| = 10 mA
VDD ≥ 1.62 V
-0.4
|IIO| = 2 mA
1.62 V ≥ VDD ≥ 1.08 V
-0.4
Table 74. I/O AC characteristics(1)(2)
Speed Symbol
Parameter
Conditions
Min
Max
Unit
00
Fmax
Maximum frequency
C=50 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
5
MHz
C=50 pF, 1.62 V ≤ VDD ≤ 2.7 V
-
1
C=10 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
10
C=10 pF, 1.62 V ≤ VDD ≤ 2.7 V
-
1.5
Tr/Tf
Output rise and fall time
C=50 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
25
ns
C=50 pF, 1.62 V ≤ VDD ≤ 2.7 V
-
52
C=10 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
17
C=10 pF, 1.62 V ≤ VDD ≤ ≤2.7 V
-
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com