Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WB55CCU6TR Datasheet(PDF) 166 Page - STMicroelectronics

Part # STM32WB55CCU6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CCU6TR Datasheet(HTML) 166 Page - STMicroelectronics

Back Button STM32WB55CCU6TR Datasheet HTML 162Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 163Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 164Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 165Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 166Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 167Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 168Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 169Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 170Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 193 page
background image
Electrical characteristics
STM32WB55xx STM32WB35xx
166/193
DS11929 Rev 10
Table 96. SAI characteristics(1)
1. Guaranteed by characterization results.
Symbol
Parameter
Conditions
Min
Max
Unit
fMCLK
SAI main clock output
-
-
50
MHz
fCK
SAI clock frequency(2)
2. APB clock frequency must be at least twice SAI clock frequency.
Master transmitter
2.7 V ≤ VDD ≤ 3.6 V
Voltage Range 1
-23.5
Master transmitter
1.65 V ≤ VDD ≤ 3.6 V
Voltage Range 1
-16
Master receiver
Voltage Range 1
-16
Slave transmitter
2.7 V ≤ VDD ≤ 3.6 V
Voltage Range 1
-26
Slave transmitter
1.65 V ≤ VDD ≤ 3.6 V
Voltage Range 1
-20
Slave receiver
Voltage Range 1
-32
Voltage Range 2
-
8
tv(FS)
FS valid time
Master mode
2.7 V ≤ VDD ≤ 3.6 V
-21
ns
Master mode
1.65 V ≤ VDD ≤ 3.6 V
-30
th(FS)
FS hold time
Master mode
10
-
tsu(FS)
FS setup time
Slave mode
1.5
-
th(FS)
FS hold time
Slave mode
2.5
-
tsu(SD_A_MR)
Data input setup time
Master receiver
1
-
tsu(SD_B_SR)
Slave receiver
1.5
-
th(SD_A_MR)
Data input hold time
Master receiver
6.5
-
th(SD_B_SR)
Slave receiver
2.5
-
tv(SD_B_ST) Data output valid time
Slave transmitter (after enable edge)
2.7 V ≤ VDD ≤ 3.6 V
-19
Slave transmitter (after enable edge)
1.65 V ≤ VDD ≤ 3.6 V
-25
th(SD_B_ST) Data output hold time Slave transmitter (after enable edge)
10
-
tv(SD_A_MT) Data output valid time
Master transmitter (after enable edge)
2.7 V ≤ VDD ≤ 3.6 V
-18.5
Master transmitter (after enable edge)
1.65 V ≤ VDD ≤ 3.6 V
-25
th(SD_A_MT) Data output hold time Master transmitter (after enable edge)
10
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com