Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WB55CCU6TR Datasheet(PDF) 190 Page - STMicroelectronics

Part # STM32WB55CCU6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CCU6TR Datasheet(HTML) 190 Page - STMicroelectronics

Back Button STM32WB55CCU6TR Datasheet HTML 185Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 186Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 187Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 188Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 189Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 190Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 191Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 192Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 193Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 190 / 193 page
background image
Revision history
STM32WB55xx STM32WB35xx
190/193
DS11929 Rev 10
20-Feb-2019
4
(cont’d)
Updated Table 2: STM32WB55xx devices features and peripheral
counts, Table 8: STM32WB55xx modes overview and its footnotes,
Table 21: Main performance at VDD = 3.3 V, Table 22: General operating
conditions, Table 23: RF transmitter BLE characteristics, Table 24: RF
transmitter BLE characteristics (1 Mbps), Table 25: RF transmitter BLE
characteristics (2 Mbps), Table 26: RF receiver BLE characteristics (1
Mbps), Table 27: RF receiver BLE characteristics (2 Mbps), Table 28: RF
BLE power consumption for VDD = 3.3 V, Table 29: RF transmitter
802.15.4 characteristics, Table 31: RF 802.15.4 power consumption for
VDD = 3.3 V, Table 35: Current consumption in Run and Low-power run
modes, code with data processing running from Flash, ART enable
(Cache ON Prefetch OFF), VDD = 3.3 V, Table 36: Current consumption
in Run and Low-power run modes, code with data processing running
from SRAM1, VDD = 3.3 V, Table 37: Typical current consumption in Run
and Low-power run modes, with different codes running from Flash, ART
enable (Cache ON Prefetch OFF), VDD= 3.3 V, Table 38: Typical current
consumption in Run and Low-power run modes, with different codes
running from SRAM1, VDD = 3.3 V, Table 39: Current consumption in
Sleep and Low-power sleep modes, Flash memory ON, Table 40: Current
consumption in Low-power sleep modes, Flash memory in Power down,
Table 41: Current consumption in Stop 2 mode, Table 42: Current
consumption in Stop 1 mode, Table 43: Current consumption in Stop 0
mode, Table 44: Current consumption in Standby mode, Table 45:
Current consumption in Shutdown mode, Table 46: Current consumption
in VBAT mode, Table 47: Current under Reset condition, Table 48:
Peripheral current consumption and its footnotes, Table 49: Low-power
mode wakeup timings, Table 50: Regulator modes transition times and its
footnote 1, Table 65: EMS characteristics, Table 66: EMI characteristics,
Table 67: ESD absolute maximum ratings, Table 69: I/O current injection
susceptibility, Table 75: ADC characteristics, Table 77: ADC accuracy -
Limited test conditions 1, Table 78: ADC accuracy - Limited test
conditions 2, Table 79: ADC accuracy - Limited test conditions 3,
Table 80: ADC accuracy - Limited test conditions 4 and Table 104:
Package thermal characteristics.
04-Oct-2019
5
Updated Features, Section 2: Description, Section 6.1.6: Power supply
scheme, Section 6.2: Absolute maximum ratings and Section 7.2:
WLCSP100 package information.
Updated Table 6: Power supply typical components, Table 7: Features
over all modes, Table 11: Temperature sensor calibration values,
Table 16: STM32WB55xx pin and ball definitions, Table 17: Alternate
functions, Table 21: Main performance at VDD = 3.3 V, Table 26: RF
receiver BLE characteristics (1 Mbps), Table 34: Embedded internal
voltage reference, Table 62: PLL, PLLSAI1 characteristics and Table 67:
ESD absolute maximum ratings.
Updated Figure 6: Power supply overview and Figure 33: Quad-SPI
timing diagram - DDR mode.
Added Figure 15: Power supply scheme (UFBGA129 package) and
Figure 21: Low-speed external clock source AC timing diagram.
Added Table 56: Low-speed external user clock characteristics – Bypass
mode.
Table 107. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com