Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPMIC1APQR Datasheet(PDF) 56 Page - STMicroelectronics

Part # STPMIC1APQR
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1APQR Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STPMIC1APQR Datasheet HTML 52Page - STMicroelectronics STPMIC1APQR Datasheet HTML 53Page - STMicroelectronics STPMIC1APQR Datasheet HTML 54Page - STMicroelectronics STPMIC1APQR Datasheet HTML 55Page - STMicroelectronics STPMIC1APQR Datasheet HTML 56Page - STMicroelectronics STPMIC1APQR Datasheet HTML 57Page - STMicroelectronics STPMIC1APQR Datasheet HTML 58Page - STMicroelectronics STPMIC1APQR Datasheet HTML 59Page - STMicroelectronics STPMIC1APQR Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 140 page
background image
In case reset happens in ALTERNATE mode, VOUT, ENA and PREG_MODE switch to content of the
[regulator]_MAIN_CR register values.
Figure 59. Reset power-cycle sequence below shows an example of a reset power-cycle on the STPMIC1.
Figure 59. Reset power-cycle sequence
POWER_ON
RSTn
STPMIC1 State
BUCK3 (Rank1)
mask_reset
BUCK1 (Rank2)
POWER_DOWN
RANK0 RANK3 RANK2 RANK1
LDO4 (Rank3)
BUCK2 (Rank0)
rst
Enable Buck2
by I²C
CHECK&
LOAD
POWER_UP
RANK1 RANK2 RANK3
POWER_ON
RSTn Low by AP
27,8ms
mask_reset is a single shot option, cleared by Turn-OFF, POR_VIN and reset.
BUCK3 with mask_reset option set, is not impacted by reset power-cycle.
BUCK1 and LDO4 are powered down and up at their respective rank defined in NVM.
BUCK2, enabled by I2C is power down but not restarted.
5.4.5
Power control modes (MAIN / ALTERNATE)
In order to address implementation of low power platform, the STPMIC1 supports two independent and
configurable modes for POWER_ON state. For all regulators, settings enable (ENA), output voltage (VOUT)
and regulation mode (PREG_MODE) can be defined for each mode. With the following exceptions due to some
regulator specificities:
REFDDR provides ENA only
LDO3 also provides BYPASS mode bit
LDO4 also provides input source selector bits
Default MAIN mode has to be applied to full load applications, typically RUN mode of application processor.
ALTERNATE mode has to be used when the application processor enters low power mode, typically STANDBY
mode. Switch between MAIN and ALTERNATE, can be controlled by the application processor through
PWRCTRL pin.
MAIN mode corresponds to “inactive state” of PWRCTRL pin
ALTERNATE mode corresponds to “active state” of PWRCTRL pin
PWRCTRL pin detection can be enabled and its polarity configured through respectively PWRCTRL_EN and
PWRCTRL_POL bits in Table 25. MAIN_CR register.
PWRCTRL pin detection is always disabled by default (PWRCTRL_EN bit clear by turn-OFF and reset), as a
consequence POWER_ON mode is always MAIN by default.
In each mode, MAIN or ALTERNATE, the STPMIC1 applies the settings indicated in the regulator (Rx) related
register, [Rx]_MAIN_CR for MAIN and [Rx]_ALT_CR, for ALTERNATE.
If Buck converter has different output voltage settings between MAIN and ALTERNATE register, a smooth voltage
transition is applied during MAIN to ALTERNATE (and reciprocally) as described in Figure 47. BUCKx dynamic
voltage scaling (DVS).
Please refer to Section 4 Power regulators and switch description for details on voltage scale up and down
procedure for each regulator and switche.
Figure 60. Power mode switch sequence example is an example of the STPMIC1 transition with settings available
in Table 13. MAIN/ALTERNATE switch example configuration and where PWRCTRL is set as active low.
STPMIC1
Feature description
DS12792 - Rev 7
page 56/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com