Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPMIC1APQR Datasheet(PDF) 10 Page - STMicroelectronics

Part # STPMIC1APQR
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1APQR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STPMIC1APQR Datasheet HTML 6Page - STMicroelectronics STPMIC1APQR Datasheet HTML 7Page - STMicroelectronics STPMIC1APQR Datasheet HTML 8Page - STMicroelectronics STPMIC1APQR Datasheet HTML 9Page - STMicroelectronics STPMIC1APQR Datasheet HTML 10Page - STMicroelectronics STPMIC1APQR Datasheet HTML 11Page - STMicroelectronics STPMIC1APQR Datasheet HTML 12Page - STMicroelectronics STPMIC1APQR Datasheet HTML 13Page - STMicroelectronics STPMIC1APQR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 140 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
tOCPDB_BUCK
BUCK OCP turn-
off delay
5
µs
tOVPDB_BST
BOOST OVP
turn-off delay
1
ms
tOCPDB_BST
BOOST OCP
turn-off delay
2
µs
tOCPDB_SW
Switches OCP
turn-off delay
30
ms
tWD
Watchdog timer
Programmable value, defined in register
Table 34. WDG_CR
1 to 256
s
Timer programming step
1
NVMEND
NVM write cycles
endurance
1000
Cycle
LDO1, LDO2, LDO5
VLDOIN = 3.6 V, VIN = 3.6 V, VBUCK2IN = 3.6 V, VLDOOUT = 1.8 V, recommended BOM, Tj = -40 °C to +125 °C, unless otherwise
specified,VBUCK1IN and VBUCK2IN must always be connected to VIN
VLDOIN
Main input
voltage range
2.8
5.5
V
VLDOOUT
Output voltage
VLDOIN >VLDOOUT+VLDODROP
Programmable value. Refer to
Table 9. LDO output voltage
settings
LDO1 LDO2
1.7 to 3.3
V
LDO5
1.7 to 3.9
V
Voltage programming step
100
mV
VLDOOUT-ACC
Output voltage
accuracy
VLDOIN >VLDOOUT+VLDODROP 1 mA<ILDOOUT<350
mA
-2
2
%
I LDOOUT
Continuous
output current
VLDOIN = 2.8 V to 5.5 V
350
mA
ILDOLIM
Load current
limitation
VLDOIN = 2.8 V to 5.5 V
360
450
800
mA
ILDOQ
Total quiescent
current
ILDOOUT = 0 mA, TJ = +105 °C total current from
all LDO supply pins (VIN, LDOIN, BUCK2IN)
4
20
µA
ILDOIN_LKG
Input leakage
current
LDO OFF
0.5
2.5
µA
VLDODROP
Dropout voltage
(1)
VLDOOUT = 2.8 V, ILDOOUT = 350 mA
180
300
mV
VLDOOUT-LO
Load transient
regulation
ILDOOUT = 5 to 180 mA, ΔVLDOIN = 0, tR = tF ~1 µs
45
mV
VLDOOUT-LI
Line transient
regulation
VLDOIN = 3.6 V to 3.0 V, ΔILDO1OUT = 0, tR = tF
~10 μs
10
mV
PSRRLDO
Power supply
rejection ratio
ΔVLDOIN = 300 mVPP, f=[0.1:20] kHz
43
dB
ΔVLDOIN = 300 mVPP, f=[20:100] kHz
37
tSSLDO
Soft-start duration
2.8 V<VLDOIN<5.5 V, 0<ILDOOUT<1 mA COUT=4.7
µF
160
µs
tSDLDO
Shutdown
duration
Pull-down enabled, VLDOOUT=1.8 V to
VLDOOUT=0.2 V, ILDOOUT= no load
3
ms
LDO3 normal mode
VLDO3IN = 3.6 V, VIN = 3.6 V, VBUCK2IN = 3.6 V, VLDO3OUT = 1.8 V, recommended BOM, Tj = -40 °C to +12 5 °C, unless otherwise
specified
STPMIC1
Electrical and timing parameters
DS12792 - Rev 7
page 10/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com