Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WLE4JCI6XXX Datasheet(PDF) 90 Page - STMicroelectronics

Part # STM32WLE4JCI6XXX
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE4JCI6XXX Datasheet(HTML) 90 Page - STMicroelectronics

Back Button STM32WLE4JCI6XXX Datasheet HTML 86Page - STMicroelectronics STM32WLE4JCI6XXX Datasheet HTML 87Page - STMicroelectronics STM32WLE4JCI6XXX Datasheet HTML 88Page - STMicroelectronics STM32WLE4JCI6XXX Datasheet HTML 89Page - STMicroelectronics STM32WLE4JCI6XXX Datasheet HTML 90Page - STMicroelectronics STM32WLE4JCI6XXX Datasheet HTML 91Page - STMicroelectronics STM32WLE4JCI6XXX Datasheet HTML 92Page - STMicroelectronics STM32WLE4JCI6XXX Datasheet HTML 93Page - STMicroelectronics STM32WLE4JCI6XXX Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 145 page
background image
Table 51. Current consumption in VBAT mode
Symbol
Parameter
Conditions
Typ
Max
Unit
-
VBAT
(V)
0 °C
25 °C
55 °C
85 °C
105 °C
105 °C
IDD(VBAT)
Backup domain
supply current
RTC disabled
1.8
1.00
3.00
19.0
95.0
180
1.00
nA
2.4
1.00
3.00
22.0
110
200
1.00
3.0
1.00
5.00
31.0
150
270
1.00
3.6
3.00
11.0
50.0
220
380
3.00
RTC enabled and
clocked by LSE quartz(1)
1.8
140
150
180
275
390
140
2.4
155
170
200
310
435
155
3.0
185
200
235
375
545
185
3.6
230
245
295
485
710
230
1. Based on characterization done with a 32.768 kHz crystal (MC306-G-06Q-32.768, manufacturer JFVNY) with two 6.8 pF loading capacitors.
Table 52. Current under Reset condition
Symbol
Conditions
Typ
Unit
VDD (V)
25 °C
IDD(RST)
1.8 V
600
µA
2.4 V
650
3.0 V
700
3.6 V
780



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com