Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WLE4JCI6XXX Datasheet(PDF) 37 Page - STMicroelectronics

Part # STM32WLE4JCI6XXX
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE4JCI6XXX Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STM32WLE4JCI6XXX Datasheet HTML 33Page - STMicroelectronics STM32WLE4JCI6XXX Datasheet HTML 34Page - STMicroelectronics STM32WLE4JCI6XXX Datasheet HTML 35Page - STMicroelectronics STM32WLE4JCI6XXX Datasheet HTML 36Page - STMicroelectronics STM32WLE4JCI6XXX Datasheet HTML 37Page - STMicroelectronics STM32WLE4JCI6XXX Datasheet HTML 38Page - STMicroelectronics STM32WLE4JCI6XXX Datasheet HTML 39Page - STMicroelectronics STM32WLE4JCI6XXX Datasheet HTML 40Page - STMicroelectronics STM32WLE4JCI6XXX Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 145 page
background image
DS13105 Rev 8
37/145
STM32WLE5/E4xx
Functional overview
48
Figure 8. Clock tree
1. For full details about the internal and external clock source characteristics, refer to the electrical characteristics section in
the device datasheet.
2. The ADC clock can additionally be derived from the AHB clock of the ADC bus interface, divided by a programmable factor
(1, 2 or 4). When the programmable factor is 1, the AHB prescaler must be equal to 1.
3.13
Hardware semaphore (HSEM)
The HSEM provides a 16- (32-bit) register based semaphores. The semaphores can be
used to ensure synchronization between different processes running on the core. The
HSEM provides a non blocking mechanism to lock semaphores in an atomic way. The
following functions are provided:
•
Locking a semaphore can be done in two ways:
–
2-step lock: by writing COREID and PROCID to the semaphore, followed by a
read check
–
1-step lock: by reading the COREID from the semaphore
•
Interrupt generation when a semaphore is unlocked: Each semaphore may generate
an interrupt on one of the interrupt lines.
•
Semaphore clear protection: A semaphore is only unlocked when COREID and
PROCID match.
•
Global semaphore clear per COREID
MSv62605V2
LSI RCC 32 kHz
LSE OSC
32.768 kHz
LSCO
to IWDG
OSC_IN
OSC_OUT
MCO
/1 - 16
/32
LSE CSS
PLL
/P
/R
/Q
/M
SYSCLK
MSI
MSI
HSI16
HSI16
HSE32
HSE32
PLLRCLK
PLLRCLK
LSE
LSI
SYS clock
source
control
SYSCLK
MSI
HSI16
AHB3
SHDHPRE
/1,2,...,512
HCLK1
HCLK3
APB1
PPRE1
/1,2,4,8,16
to CPU, AHB1, AHB2
to CPU FCLK
/8
to CPU system timer
APB2
PPRE2
/1,2,4,8,16
PCLK1
PCLK2
to AHB3, Flash, SRAM1, SRAM2
to APB1 TIMx
to APB2 TIMx
to USART1
to LPTIM1
to LPUART1
to ADC
to RTC
x1 or
x2
x1 or
x2
to I2C1
PCLKn
SYSCLK
HSI16
HSI16
HSI16
PCLKn
LSI
LSE
PLLPCLK
SYSCLK
PCLKn
LSE
to APB2
to APB1
to RF
SYSCLK
MSI
to RNG
PLLQCLK
PLLRCLK
OSC32_IN
OSC32_OUT
LSI
LSE
LSI
LSE
HSEPRE
/1,2
x
N
to I2C2
to I2C3
to LPTIM3
to LPTIM2
PCLK3
to APB3
to USART2
HSI16
to SPI2S2
I2S_CKIN
HSI16
PLLPCLK
PLLQCLK
CPU
HPRE
/1,2,...,512
HSE32 OSC
32 MHz
HSE CSS
MSI RC
100 kHz - 48 MHz
HSI16 RC
16 MHz
LSI
DAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com