Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T1035 Datasheet(PDF) 1 Page - STMicroelectronics

Part # T1035
Description  10 A Snubberless™ logic level and standard Triacs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1035 Datasheet(HTML) 1 Page - STMicroelectronics

  T1035 Datasheet HTML 1Page - STMicroelectronics T1035 Datasheet HTML 2Page - STMicroelectronics T1035 Datasheet HTML 3Page - STMicroelectronics T1035 Datasheet HTML 4Page - STMicroelectronics T1035 Datasheet HTML 5Page - STMicroelectronics T1035 Datasheet HTML 6Page - STMicroelectronics T1035 Datasheet HTML 7Page - STMicroelectronics T1035 Datasheet HTML 8Page - STMicroelectronics T1035 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
A2
A1
A2
D²PAK
TO-220AB
TO-220AB Ins.
A2
A1
G
G
A1
G
A2
A1
G
A2
A2
Features
•
Medium current Triac
•
Low thermal resistance with clip bonding
•
Low thermal resistance insulation ceramic for insulated BTA
•
High commutation (4Q) or very high commutation (3Q, Snubberless™)
capability
•
BTA series UL1557 certified (file ref: 81734)
•
Packages are RoHS (2002/95/EC) compliant
Description
Available either in through-hole or surface mount packages, the BTA10, BTB10 and
T10xx Triac series are suitable for general purpose mains power AC switching. They
can be used as ON/OFF function in applications such as static relays, heating
regulation or induction motor starting circuit. They are also recommended for phase
control operations in light dimmers and appliance motors speed controllers.
The Snubberless™ versions (W suffix and T10xx) are especially recommended for
use on inductive loads, because of their high commutation performance. By using an
internal ceramic pad, the Snubberless™ series provide an insulated tab (rated at
2500 VRMS) complying with UL standards (file reference: E81734).
Product status link
BTA10, BTB10, T1035, T1050
Product summary
IT(RMS)
10 A
VDRM/VRRM
600 and 800 V
IGT
25 to 50 mA
10 A Snubberless™, logic level and standard Triacs
BTA10, BTB10
T1035, T1050
Datasheet
DS3165 - Rev 9 - March 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - T1035

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
T1035 PULSE-T1035 Datasheet
154Kb / 8P
TRANSFORMERS
logo
Inchange Semiconductor ...
T1035-6G ISC-T1035-6G Datasheet
299Kb / 3P
isc Triacs
logo
JOKARI GmbH & Co. KG
T10350 JOKARI-T10350 Datasheet
728Kb / 14P
PRODUCT SPECIFICATION
16/05/2014
logo
STMicroelectronics
T1035H STMICROELECTRONICS-T1035H Datasheet
135Kb / 10P
High temperature 10 A Triacs
17-Apr-2007
T1035H-6G STMICROELECTRONICS-T1035H-6G Datasheet
135Kb / 10P
High temperature 10 A Triacs
17-Apr-2007
More results

Similar Description - T1035

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA12-700BRG STMICROELECTRONICS-BTA12-700BRG Datasheet
140Kb / 12P
12 A Snubberless™ logic level and standard triacs
28-Sep-2007
T1635-700G-TR STMICROELECTRONICS-T1635-700G-TR Datasheet
114Kb / 10P
16 A Snubberless?? logic level and standard Triacs
11-Mar-2010
BTA12-700SWRG STMICROELECTRONICS-BTA12-700SWRG Datasheet
140Kb / 12P
12 A Snubberless?? logic level and standard triacs
28-Sep-2007
logo
Kersemi Electronic Co.,...
BTA16-600B KERSEMI-BTA16-600B Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
BTA16-600BW KERSEMI-BTA16-600BW Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
BTA16-600SW KERSEMI-BTA16-600SW Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
BTA16-700B KERSEMI-BTA16-700B Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
logo
STMicroelectronics
BTA12 STMICROELECTRONICS-BTA12_V01 Datasheet
236Kb / 16P
12 A Snubberless™, logic level and standard Triacs
07-Feb-2019
BTA08 STMICROELECTRONICS-BTA08_V01 Datasheet
274Kb / 21P
Snubberless™, logic level and standard 8 A Triacs
09-Aug-2018
BTA16 STMICROELECTRONICS-BTA16_V01 Datasheet
217Kb / 18P
Snubberless™, logic level and standard 16 A Triacs
30-May-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com