Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T1035 Datasheet(PDF) 4 Page - STMicroelectronics

Part # T1035
Description  10 A Snubberless™ logic level and standard Triacs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1035 Datasheet(HTML) 4 Page - STMicroelectronics

  T1035 Datasheet HTML 1Page - STMicroelectronics T1035 Datasheet HTML 2Page - STMicroelectronics T1035 Datasheet HTML 3Page - STMicroelectronics T1035 Datasheet HTML 4Page - STMicroelectronics T1035 Datasheet HTML 5Page - STMicroelectronics T1035 Datasheet HTML 6Page - STMicroelectronics T1035 Datasheet HTML 7Page - STMicroelectronics T1035 Datasheet HTML 8Page - STMicroelectronics T1035 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1.1
Characteristics (curves)
Figure 2. Maximum power dissipation versus on-state
RMS current (full cycle)
0
1
2
3
4
5
0
1
2
3
4
5
6
7
8
9
10
P(W)
IT(RMS)(A)
6
7
8
9
10
11
12
13
Figure 3. RMS on-state current versus case temperature
(full cycle)
IT(RMS) (A)
Tc(°C)
BTB/T10
BTA
0
2
5
50
7 5
100
125
0
1
2
3
4
5
6
7
8
9
10
11
12
Figure 4. Relative variation of thermal impedance versus
pulse duration
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
5E+2
1E-2
1E-1
1E+0
K = [Zth/Rth]
tp(s)
Zth(j-c)
Zth(j-a)
Figure 5. On-state characteristics (maximum values)
1
10
100
ITM(A)
VTM(V)
Tj max.
Vto = 0.85 V
Rd = 40 mΩ
Tj = Tj max.
Tj = 25 °C
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Figure 6. Surge peak on-state current versus number of
cycles
1
10
100
1000
0
10
20
30
40
50
60
70
80
90
100
110
I
(A)
TSM
Number of cycles
t=20ms
One cycle
Non repetitive
T initial=25°C
j
Repetitive
T =95°C
C
Figure 7. Non repetitive surge peak on-state current
versus sinusoidal pulse width (tP < 10 ms)
0.01
0.10
1.00
10.00
10
100
1000
ITSM(A)
T initial=25°C
j
ITSM
dI/dt limitation:
50A/µs
t (ms)
p
BTA10, BTB10, T1035, T1050
Characteristics (curves)
DS3165 - Rev 9
page 4/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com