Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3154BA3R Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ZSSC3154BA3R
Description  Automotive Sensor Signal Conditioner with Dual Analog Output
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3154BA3R Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ZSSC3154BA3R Datasheet HTML 3Page - Renesas Technology Corp ZSSC3154BA3R Datasheet HTML 4Page - Renesas Technology Corp ZSSC3154BA3R Datasheet HTML 5Page - Renesas Technology Corp ZSSC3154BA3R Datasheet HTML 6Page - Renesas Technology Corp ZSSC3154BA3R Datasheet HTML 7Page - Renesas Technology Corp ZSSC3154BA3R Datasheet HTML 8Page - Renesas Technology Corp ZSSC3154BA3R Datasheet HTML 9Page - Renesas Technology Corp ZSSC3154BA3R Datasheet HTML 10Page - Renesas Technology Corp ZSSC3154BA3R Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
ZSSC3154 Datasheet
© 2016 Integrated Device Technology, Inc.
7
January 22, 2016
No.
Parameter
Symbol
Conditions
Min
Nominal
Max
Unit
1.3.3
Temperature Measurement
(Refer to section 2.4.3)
1.3.3.1
Internal temperature diode
sensitivity
STTSI
Raw values, without
conditioning calculation
26
38
LSB
14
/K
1.3.3.2
External temperature
diode channel gain
ATSED
Sensor at pins VTN1 or
VTN2
-18
-12
LSB
14
/mV
1.3.3.3
External temperature
diode bias current
ITSED
Sensor at pins VTN1 or
VTN2
10
20
40
µA
1.3.3.4
External temperature
diode input range
1)
VTSED
Related to VVBR_T which is
the voltage at the VBR_T
pin; sensor at pins VTN1
or VTN2
0.2
1.0
V
1.3.3.5
External temperature
resistor channel gain
ATSER
At VDDE = 5V;
sensor at pins VTN1 or
VTN2
-13
-9
LSB
14
/mV
1.3.3.6
External temperature
resistor input range
1)
VTSER
Related to VVBR_T which is
the voltage at the VBR_T
pin; sensor at pins VTN1
or VTN2
0.3
1.4
V
1.3.4
Sensor Diagnostic Tasks
1.3.4.1
Sensor connection loss
detection threshold
RSCC_TH
20
100
k
Ω
1.3.4.2
Maximum input capaci-
tance for sensor connec-
tion check with sensor
aging check enabled
CIN_SCC/SAC
1
1.2
nF
1.3.4.3
Maximum input capaci-
tance for sensor connec-
tion check with sensor
short check enabled
CIN_SCC/SSC
If input capacitance is
greater than 1nF the
sensor connection check
high-capacitor mode must
be enabled.
10
12
nF
1.3.4.4
Sensor input short
detection threshold
RSSC_TH
50
800
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com