Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3154BA3R Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ZSSC3154BA3R
Description  Automotive Sensor Signal Conditioner with Dual Analog Output
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3154BA3R Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ZSSC3154BA3R Datasheet HTML 12Page - Renesas Technology Corp ZSSC3154BA3R Datasheet HTML 13Page - Renesas Technology Corp ZSSC3154BA3R Datasheet HTML 14Page - Renesas Technology Corp ZSSC3154BA3R Datasheet HTML 15Page - Renesas Technology Corp ZSSC3154BA3R Datasheet HTML 16Page - Renesas Technology Corp ZSSC3154BA3R Datasheet HTML 17Page - Renesas Technology Corp ZSSC3154BA3R Datasheet HTML 18Page - Renesas Technology Corp ZSSC3154BA3R Datasheet HTML 19Page - Renesas Technology Corp ZSSC3154BA3R Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
ZSSC3154 Datasheet
© 2016 Integrated Device Technology, Inc.
16
January 22, 2016
2.8
Analog Front End
The analog front-end (AFE) consists of the multiplexer (MUX), the programmable gain amplifier (PGA), and the
analog-to-digital converter (ADC).
2.8.1
Programmable Gain Amplifier
Table 2.1 shows the adjustable gains, the corresponding sensor signal input spans, and the common mode range
limits.
Table 2.1
Adjustable Gains and Resulting Sensor Signal Spans and Common Mode Ranges
PGA Gain
aIN
Maximum Input Span
VIN_SPAN [mV/V]
1)
Input Common Mode Range
VIN_CM [% VDDA]
2)
XZC = Off
XZC = On
420
1.8
29 to 65
45 to 55
280
2.7
29 to 65
45 to 55
210
3.6
29 to 65
45 to 55
140
5.4
29 to 65
45 to 55
105
7.1
29 to 65
45 to 55
70
10.7
29 to 65
45 to 55
52.5
14.3
29 to 65
45 to 55
35
21.4
29 to 65
45 to 55
26.3
28.5
29 to 65
45 to 55
14
53.75
29 to 65
45 to 55
9.3
80
29 to 65
45 to 55
7
107
29 to 65
45 to 55
2.8
267
32 to 57
Not applicable
1)
Recommended maximum internal signal range is 80% of supply voltage.
Span is calculated by the following formula: VIN_SPAN = 0.8 (VVBR_T – VVBR_B) / aIN.
2)
Refer to section 2.8.2 for an explanation of the analog offset compensation.
Recommendation: To achieve the best stability and linearity performance of the AFE, operate the PGA in a
voltage range within 10% to 90% of the ratiometric reference voltage VREF = (VVBR_T – VVBR_B). The gain must be
selected to guarantee this constraint for the entire operating temperature range of the application and for the
specified sensor bridge tolerances.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com