Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3230BC5B Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # ZSSC3230BC5B
Description  Capacitive Sensor Signal Conditioner IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3230BC5B Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button ZSSC3230BC5B Datasheet HTML 28Page - Renesas Technology Corp ZSSC3230BC5B Datasheet HTML 29Page - Renesas Technology Corp ZSSC3230BC5B Datasheet HTML 30Page - Renesas Technology Corp ZSSC3230BC5B Datasheet HTML 31Page - Renesas Technology Corp ZSSC3230BC5B Datasheet HTML 32Page - Renesas Technology Corp ZSSC3230BC5B Datasheet HTML 33Page - Renesas Technology Corp ZSSC3230BC5B Datasheet HTML 34Page - Renesas Technology Corp ZSSC3230BC5B Datasheet HTML 35Page - Renesas Technology Corp ZSSC3230BC5B Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
ZSSC3230 Datasheet
© 2019 Integrated Device Technology, Inc.
32
October 15, 2019
NVM
Address
Word/Bit
Range
Default
Setting
Word/Bit Field
Name
Description
12HEX
(Continued)
14
0BIN
sensor_leakage
Option to enable sensor element’s leakage current compensation (due to sensor
element’s parasitic resistance)  leakage cancellation leads to loss of dynamic
range and decrease of SNR (loss of 1 bit of effective resolution).
The following setups are possible:
0  no sensor leakage cancellation; full internal dynamic range; full Vref
applied to external sensor
1  sensor leakage cancellation enabled; applied voltage at external sensor
of 0.5
 Vref (loss of 1 bit of effective resolution)
15
0BIN
sensecap_type
Selection of applied (external) sensor capacitance:
0  “differential” sensor capacitance between C0 and CC (CC’) pads
1  single ended sensor capacitance between VSS and CC (CC’) pad;
applied voltage at external sensor of 0.5 × Vref (loss of 1 bit of effective
resolution)
Interrupt Level Setup and Post-Calibration (Digital) Offset Calibration
13HEX
15:0
0000HEX
TRSH1[15:0]
Bits [15:0] of the 24-bit-wide interrupt threshold1, TRSH1. (The MSBs for this
threshold are TRSH1[23:16], which are bits [7:0] of register 15HEX.)
14HEX
15:0
0000HEX
TRSH2[15:0]
Bits [15:0] of the 24-bit-wide interrupt threshold2, TRSH2. (The MSBs for this
threshold are TRSH2[23:16], which are bits[15:8] of register 15HEX.)
15HEX
7:0
00HEX
TRSH1[23:16]
Bits [23:16] of the 24-bit-wide interrupt threshold1, TRSH1. (The LSBs for this
threshold are TRSH1[15:0], which are bits[15:0] of register 13HEX.)
15:8
00HEX
TRSH2[23:16]
Bits [23:16] of the 24-bit-wide interrupt threshold2, TRSH2. (The LSBs for this
threshold are TRSH2[15:0], which are bits[15:0] of register 14HEX.)
16HEX
15:0
0000HEX
SENS_Shift[15:0]
Bits [15:0] of the post-calibration sensor offset shift coefficient SENS_Shift. (The
MSBs of SENS_Shift are bits [7:0] of register 18HEX.)
17HEX
15:0
0000HEX
T_Shift[15:0]
Bits [15:0] of the post-calibration temperature offset shift coefficient T_Shift. (The
MSBs of T_Shift are bits [15:8] of register 18HEX.)
18HEX
7:0
00HEX
SENS_Shift[23:16]
Bits [23:16] of the post-calibration sensor offset shift coefficient SENS_Shift. (The
LSBs of SENS_Shift are in register 16HEX.)
15:8
00HEX
T_Shift[23:16]
Bits [23:16] of the post-calibration temperature offset shift coefficient T_Shift. (The
LSBs of T_Shift are in register 17HEX.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com