Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3230BC5B Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ZSSC3230BC5B
Description  Capacitive Sensor Signal Conditioner IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3230BC5B Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ZSSC3230BC5B Datasheet HTML 17Page - Renesas Technology Corp ZSSC3230BC5B Datasheet HTML 18Page - Renesas Technology Corp ZSSC3230BC5B Datasheet HTML 19Page - Renesas Technology Corp ZSSC3230BC5B Datasheet HTML 20Page - Renesas Technology Corp ZSSC3230BC5B Datasheet HTML 21Page - Renesas Technology Corp ZSSC3230BC5B Datasheet HTML 22Page - Renesas Technology Corp ZSSC3230BC5B Datasheet HTML 23Page - Renesas Technology Corp ZSSC3230BC5B Datasheet HTML 24Page - Renesas Technology Corp ZSSC3230BC5B Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
ZSSC3230 Datasheet
© 2019 Integrated Device Technology, Inc.
21
October 15, 2019
Table 8.
Analog Output Performance by External Capacitor Value
Filter Capacitance (nF)
Vout Ripple (µV/V)
0 to 90%Settling Time (ms)
Analog Output Resolution (Bit)
100
1000.0
2.3
10
400
250
9.2
12
1600
62
36.8
14
6400
16
147.2
16
Figure 13. PDM Output Configuration
C0
CC
CC
ZSSC3230
VDD
VSS
RESQ
PDM
VSS
VDD
AOUT
6.6.2 I2C Output
The ZSSC3230 supports an I2C slave interface for digital output operation. The implementation of the interfaces is such that the available
commands (see section 6.7.2) and request codes for the ZSSC3230 are the same regardless on the interface type used.
Initially after power-up or reset, the I2C slave address is loaded from the on-chip NVM from the Slave_Addr bits [6:0] in register 02HEX; see
Table 16). There is a general status byte, which is part of the ZSSC3230’s digital response on READ requests. Every response starts with a
status byte followed by the data word. The data word depends on the previous command. It is possible to read the same data more than once
if the read request is repeated. The next command invalidates any previous data.
Table 9.
General Status Byte
Bit-Number:
7
6
5
4
3
2
1
0
Meaning:
0
Powered?
Busy?
Mode
Memory
Error?
ADC Overflow
Math
Saturation
Bit 7 is intentionally not assigned in order to allow for a 1 bit-length time.
Bit 6 indicates power: 1 if device is powered, 0 if not powered.
Bit 5 indicates whether the ZSSC3230 is busy. The data for the last command is not available yet. No new commands are processed if
the device is busy. It is “1” if the device is busy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com